Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 105 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 105 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 101Page - Texas Instruments AM6421 Datasheet HTML 102Page - Texas Instruments AM6421 Datasheet HTML 103Page - Texas Instruments AM6421 Datasheet HTML 104Page - Texas Instruments AM6421 Datasheet HTML 105Page - Texas Instruments AM6421 Datasheet HTML 106Page - Texas Instruments AM6421 Datasheet HTML 107Page - Texas Instruments AM6421 Datasheet HTML 108Page - Texas Instruments AM6421 Datasheet HTML 109Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 237 page
background image
Table 6-78. Unused Balls Specific Connection Requirements (continued)
BALL NUMBER
BALL NAME
CONNECTION REQUIREMENTS
T13
W16
W17
Y15
Y16
AA16
AA17
SERDES0_REXT
SERDES0_REFCLK0N
SERDES0_REFCLK0P
SERDES0_RX0_N
SERDES0_RX0_P
SERDES0_TX0_N
SERDES0_TX0_P
Leave unconnected.
Note: The SERDES0_REXT pin can only be left unconnected when
VDDA_0P85_SERDES0, VDDA_0P85_SERDES0_C, and
VDDA_1P8_SERDES0 are connected to VSS. The
SERDES0_REXT pin must be connected to VSS through the
appropriate external resistor when VDDA_0P85_SERDES0,
VDDA_0P85_SERDES0_C, and VDDA_1P8_SERDES0 are
connected to a power source.
(1)
To determine which power supply is associated with any IO refer to Section 6.2, Pin Attributes.
Table 6-79. Reserved Balls Specific Connection Requirements
BALL NUMBER
CONNECTION REQUIREMENTS
D21, F12, F17, G13, H16, K1, K2, V16, W15
These balls must be left unconnected.
Note
All other unused signal balls with a Pad Configuration Register can be left unconnected with their
multiplexing mode set to GPIO input and internal pulldown resistor enabled.
Unused balls are defined as those which only connect to a PCB solder pad. This is the only use case
where internal pull resistors are allowed as the only source/sink to hold a valid logic level.
Any balls connected to a via, test point, or PCB trace are considered used and must not depend on
the internal pull resistor to hold a valid logic level.
Internal pull resistors are weak and may not source enough current to maintain a valid logic level for
some operating conditions. This may be the case when connected to components with leakage to the
opposite logic level, or when external noise sources couple to signal traces attached to balls which are
only pulled to a valid logic level by the internal resistor. Therefore, external pull resistors may be
required to hold a valid logic level on balls with external connections.
If balls are allowed to float between valid logic levels, the input buffer may enter a high-current state
which could damage the IO cell.
Note
All other unused signal balls without a Pad Configuration Register can be left unconnected.
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
105
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com