Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 109 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 109 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 105Page - Texas Instruments AM6421 Datasheet HTML 106Page - Texas Instruments AM6421 Datasheet HTML 107Page - Texas Instruments AM6421 Datasheet HTML 108Page - Texas Instruments AM6421 Datasheet HTML 109Page - Texas Instruments AM6421 Datasheet HTML 110Page - Texas Instruments AM6421 Datasheet HTML 111Page - Texas Instruments AM6421 Datasheet HTML 112Page - Texas Instruments AM6421 Datasheet HTML 113Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 237 page
background image
7.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
VDD_CORE
Core supply
0.75-V operation
0.715
0.75
0.79
V
0.85-V operation
0.81
0.85
0.895
V
VDDR_CORE
RAM supply
0.81
0.85
0.895
V
VDD_MMC0
MMC0 PHY core supply
0.81
0.85
0.895
V
VDD_DLL_MMC0
MMC0 PLL analog supply
0.81
0.85
0.895
V
VDDA_0P85_SERDES0
SERDES0 0.85 V analog supply
0.81
0.85
0.895
V
VDDA_0P85_SERDES0_C SERDES0 clock 0.85 V analog supply
0.81
0.85
0.895
V
VDDA_0P85_USB0
USB0 0.85 V analog supply
0.81
0.85
0.895
V
VDDS_DDR
DDR PHY IO supply
1.1-V operation
1.06
1.1
1.17
V
1.2-V operation
1.14
1.2
1.26
V
VDDS_DDR_C
DDR clock IO supply
1.1-V operation
1.06
1.1
1.17
V
1.2-V operation
1.14
1.2
1.26
V
VDDS_MMC0
MMC0 PHY IO supply
1.71
1.8
1.89
V
VDDS_OSC
MCU_OSC0 supply
1.71
1.8
1.89
V
VDDA_MCU
POR and MCU PLL analog supply
1.71
1.8
1.89
V
VDDA_ADC0
ADC0 analog supply
1.71
1.8
1.89
V
VDDA_PLL0
Main, PER and R5F PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL1
ARM and DDR PLL analog supply
1.71
1.8
1.89
V
VDDA_PLL2
PER0 PLL analog supply
1.71
1.8
1.89
V
VDDA_1P8_SERDES0
SERDES0 1.8 V analog supply
1.71
1.8
1.89
V
VDDA_1P8_USB0
USB0 1.8 V analog supply
1.71
1.8
1.89
V
VDDA_TEMP0
TEMP0 analog supply
1.71
1.8
1.89
V
VDDA_TEMP1
TEMP1 analog supply
1.71
1.8
1.89
V
VPP
eFuse ROM programming supply
1.71
1.8
1.89
V
VMON_1P8_MCU
Voltage monitor for 1.8 V MCU power supply
1.71
1.8
1.89
V
VMON_1P8_SOC
Voltage monitor for 1.8 V SoC power supply
1.71
1.8
1.89
V
VDDA_3P3_USB0
USB0 3.3 V analog supply
3.135
3.3
3.465
V
VDDA_3P3_SDIO
SDIO 3.3 V analog supply
3.135
3.3
3.465
V
VMON_3P3_MCU
Voltage monitor for 3.3 V MCU power supply
3.135
3.3
3.465
V
VMON_3P3_SOC
Voltage monitor for 3.3 V SoC power supply
3.135
3.3
3.465
V
VMON_VSYS
Voltage monitor pin
0
see
(1)
1
V
USB0_VBUS
USB Level-shifted VBUS Input
0
see
(2)
3.465
V
VDDSHV_MCU
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
VDDSHV0
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
VDDSHV1
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
VDDSHV2
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
VDDSHV3
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
VDDSHV4
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
109
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com