Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 110 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 110 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 106Page - Texas Instruments AM6421 Datasheet HTML 107Page - Texas Instruments AM6421 Datasheet HTML 108Page - Texas Instruments AM6421 Datasheet HTML 109Page - Texas Instruments AM6421 Datasheet HTML 110Page - Texas Instruments AM6421 Datasheet HTML 111Page - Texas Instruments AM6421 Datasheet HTML 112Page - Texas Instruments AM6421 Datasheet HTML 113Page - Texas Instruments AM6421 Datasheet HTML 114Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 237 page
background image
over operating free-air temperature range (unless otherwise noted)
SUPPLY NAME
DESCRIPTION
MIN
NOM
MAX
UNIT
VDDSHV5
Dual-voltage IO supply
1.8-V operation
1.71
1.8
1.89
V
3.3-V operation
3.135
3.3
3.465
V
TJ
Operating junction temperature range
Extended
-40
105
°C
Commercial
0
90
(1)
The VMON_VSYS pin provides a way to monitor the system power supply. For more information, see Section 9.3.4, System Power
Supply Monitor Design Guidelines.
(2)
An external resistor divider is required to limit the voltage applied to this device pin. For more information, see Section 9.3.3, USB
Design Guidelines.
7.5 Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of each
Operating Performance Point (OPP) for processor clocks and device core clocks.
Table 7-1 describes the maximum supported frequency per speed grade for the device.
Table 7-1. Speed Grade Maximum Frequency
DEVICE
MAXIMUM FREQUENCY (MHz)
SPEED
GRADE
A53SS
R5FSS
M4FSS
CBASS0
ICSSG
DMSC-L
DDR4
LPDDR4
AM64x
S
1000
800
400
250
333
TBD
800 (DDR-1600)(1)
TBD(1)
AM64x
K
800
400
400
250
250
TBD
800 (DDR-1600)(1)
TBD(1)
(1)
Maximum DDR Frequency will be limited based on the specific memory type (vendor) used in a system and by PCB implementation.
7.6 Power Consumption Summary
For information on the device power consumption contact your TI Representative.
7.7 Electrical Characteristics
Note
The interfaces or signals described in Section 7.7.1 through correspond to the interfaces or signals
available in multiplexing mode 0 (Primary Function).
All interfaces or signals multiplexed on the balls described in these tables have the same DC electrical
characteristics, unless multiplexing involves a PHY and GPIO combination, in which case different DC
electrical characteristics are specified for the different multiplexing modes (Functions).
7.7.1 I2C, Open-Drain, and Fail-Safe (I2C OD FS) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MCU_I2C0_SCL / MCU_I2C0_SDA / I2C0_SCL / I2C0_SDA / EXTINTn
BALL NUMBERS: E9, A10, A18, B18, C19
1.8 V MODE
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.3 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
TBD
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.1 × VDD
(1)
mV
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
µA
VOL
Output Low Voltage
0.2 × VDD
(1)
V
IOL
Low Level Output Current
VOL(MAX)
20
mA
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
110
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com