Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 111 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 111 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 107Page - Texas Instruments AM6421 Datasheet HTML 108Page - Texas Instruments AM6421 Datasheet HTML 109Page - Texas Instruments AM6421 Datasheet HTML 110Page - Texas Instruments AM6421 Datasheet HTML 111Page - Texas Instruments AM6421 Datasheet HTML 112Page - Texas Instruments AM6421 Datasheet HTML 113Page - Texas Instruments AM6421 Datasheet HTML 114Page - Texas Instruments AM6421 Datasheet HTML 115Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 237 page
background image
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SRI
Input Slew Rate
TBD
V/s
3.3 V MODE
(2)
VIL
Input Low Voltage
0.3 × VDD
(1)
V
VILSS
Input Low Voltage Steady State
0.25 × VDD
(1)
V
VIH
Input High Voltage
0.7 × VDD
(1)
TBD
V
VIHSS
Input High Voltage Steady State
0.7 × VDD
(1)
V
VHYS
Input Hysteresis Voltage
0.05 × VDD
(1)
mV
IIN
Input Leakage Current.
VI = 3.3 V or 0 V
±10
µA
VOL
Output Low Voltage
0.4
V
IOL
Low Level Output Current
VOL(MAX)
20
mA
SRI
Input Slew Rate
TBD
8E + 7
V/s
(1)
VDD stands for corresponding power supply. For more information on the power supply name and the corresponding ball, see Table
6-1, Pin Attributes, POWER column.
(2)
I2C HS-mode is not supported when operating the IO in 3.3 V mode.
7.7.2 Fail-Safe Reset (FS RESET) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MCU_PORz
BALL NUMBERS: B21
VIL
Input Low Voltage
0.3 ×
VDDS_OSC
V
VILSS
Input Low Voltage Steady State
TBD
V
VIH
Input High Voltage
0.7 ×
VDDS_OSC
V
VIHSS
Input High Voltage Steady State
TBD
V
VHYS
Input Hysteresis Voltage
200
mV
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
µA
SRI
Input Slew Rate
TBD
V/s
7.7.3 High-Frequency Oscillator (HFOSC) Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MCU_OSC0_XI
BALL NUMBERS: C21
VIL
Input Low Voltage
0.35 ×
VDDS_OSC
V
VIH
Input High Voltage
0.65 ×
VDDS_OSC
V
VHYS
Input Hysteresis Voltage
49
mV
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±TBD
µA
7.7.4 eMMCPHY Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MMC0_DAT[7:0] / MMC0_CLK / MMC0_CMD / MMC0_DS
BALL NUMBERS: G17, H18, H19, H17, J17, J18, J20, K20, G18, J21, G19
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
111
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com