Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 112 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 108Page - Texas Instruments AM6421 Datasheet HTML 109Page - Texas Instruments AM6421 Datasheet HTML 110Page - Texas Instruments AM6421 Datasheet HTML 111Page - Texas Instruments AM6421 Datasheet HTML 112Page - Texas Instruments AM6421 Datasheet HTML 113Page - Texas Instruments AM6421 Datasheet HTML 114Page - Texas Instruments AM6421 Datasheet HTML 115Page - Texas Instruments AM6421 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 237 page
background image
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIL
Input Low Voltage
-0.3
0.35 ×
VDDS_MMC
0
V
VILSS
Input Low Voltage Steady State
TBD
V
VIH
Input High Voltage
0.65 ×
VDDS_MMC
0
VDDS_MMC
0 + 0.3
V
VIHSS
Input High Voltage Steady State
TBD
V
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
±10
pA
IOZ
Tri-state Output Leakage Current.
VO = 1.8 V or 0 V
±10
±10
pA
RPU
Pull-up Resistor
42
50
59
kΩ
RPD
Pull-down Resistor
42
50
59
kΩ
VOL
Output Low Voltage
0.15 ×
VDDS_MMC
0
V
VOH
Output High Voltage
0.85 ×
VDDS_MMC
0
V
IOL
Low Level Output Current
VOL(MAX)
TBD
mA
IOH
High Level Output Current
VOH(MIN)
TBD
mA
SRI
Input Slew Rate
TBD
V/s
7.7.5 SDIO Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BALL NAMES in Mode 0: MMC1_DAT[3:0] / MMC1_CLK / MMC1_CMD
BALL NUMBERS: K18, K19, L21, K21, L20, J19
1.8 V MODE
VIL
Input Low Voltage
0.58
V
VILSS
Input Low Voltage Steady State
0.58
V
VIH
Input High Voltage
1.27
V
VIHSS
Input High Voltage Steady State
1.7
V
VHYS
Input Hysteresis Voltage
150
mV
IIN
Input Leakage Current.
VI = 1.8 V or 0 V
±10
µA
RPU
Pull-up Resistor
40
50
60
kΩ
RPD
Pull-down Resistor
40
50
60
kΩ
VOL
Output Low Voltage
0.45
V
VOH
Output High Voltage
VDDSHV5 -
0.45
V
IOL
Low Level Output Current
VOL(MAX)
4
mA
IOH
High Level Output Current
VOH(MIN)
4
mA
SRI
Input Slew Rate
TBD
V/s
3.3 V MODE
VIL
Input Low Voltage
0.25 ×
VDDSHV5
V
VILSS
Input Low Voltage Steady State
0.15 ×
VDDSHV5
V
VIH
Input High Voltage
0.625 ×
VDDSHV5
V
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
112
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com