Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 169 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 169 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 165Page - Texas Instruments AM6421 Datasheet HTML 166Page - Texas Instruments AM6421 Datasheet HTML 167Page - Texas Instruments AM6421 Datasheet HTML 168Page - Texas Instruments AM6421 Datasheet HTML 169Page - Texas Instruments AM6421 Datasheet HTML 170Page - Texas Instruments AM6421 Datasheet HTML 171Page - Texas Instruments AM6421 Datasheet HTML 172Page - Texas Instruments AM6421 Datasheet HTML 173Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 237 page
background image
7.10.5.11 MCSPI
For more details about features and additional description information on the device Serial Port Interface, see
the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
Table 7-50 presents timing conditions for MCSPI.
For more information, see Multichannel Serial Peripheral Interface (MCSPI) section in Peripherals chapter in the
device TRM.
Table 7-50. MCSPI Timing Conditions
PARAMETER
MIN
MAX
UNIT
INPUT CONDITIONS
SRI
Input slew rate
2
8.5
V/ns
OUTPUT CONDITIONS
CL
Output load capacitance
6
12
pF
7.10.5.11.1 MCSPI — Master Mode
Table 7-51, Figure 7-53, Table 7-52, and Figure 7-54 present timing requirements and switching characteristics
for SPI – Master Mode.
Table 7-51. MCSPI Timing Requirements – Master Mode
see Figure 7-53
NO.
PARAMETER
DESCRIPTION
MIN
MAX
UNIT
SM4
tsu(MISO-SPICLK)
Setup time, SPIn_D[x] valid before SPIn_CLK active edge
2.8
ns
SM5
th(SPICLK-MISO)
Hold time, SPIn_D[x] valid after SPIn_CLK active edge
3
ns
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
169
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com