Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 166 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 166 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 162Page - Texas Instruments AM6421 Datasheet HTML 163Page - Texas Instruments AM6421 Datasheet HTML 164Page - Texas Instruments AM6421 Datasheet HTML 165Page - Texas Instruments AM6421 Datasheet HTML 166Page - Texas Instruments AM6421 Datasheet HTML 167Page - Texas Instruments AM6421 Datasheet HTML 168Page - Texas Instruments AM6421 Datasheet HTML 169Page - Texas Instruments AM6421 Datasheet HTML 170Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 237 page
background image
GPMC_FCLK
GPMC_CSn[i]
GPMC_BE0n_CLE
GPMC_ADVn_ALE
GPMC_OEn_REn
GPMC_WEn
DATA
GNF0
GNF1
GNF4
GNF9
GNF3
GNF6
GPMC_AD[15:0]
GPMC_15
A. `In GPMC_CSn[i], i is equal to 0, 1, 2 or 3.
Figure 7-51. GPMC and NAND Flash — Data Write Cycle
7.10.5.9 I2C
For more details about features and additional description information on the device Inter-Integrated Circuit, see
the corresponding sections within Section 6.3, Signal Descriptions and Section 8, Detailed Description.
Section 7.10.5.9.1, Table 7-47 and Figure 7-52 assume testing over the recommended operating conditions and
electrical characteristic conditions.
7.10.5.9.1 Timing Requirements for I2C Input Timings
NO.(1) (6) PARAMETER
DESCRIPTION
MODE
MIN
MAX
UNIT
I1
tc(SCL)
Cycle time, SCL
Standard
10000
ns
Fast
2500
ns
I2
tsu(SCLH-SDAL)
Setup time, SCL high before SDA low (for a repeated START
condition)
Standard
4700
ns
Fast
600
ns
I3
th(SDAL-SCLL)
Hold time, SCL low after SDA low (for a START and a repeated
START condition)
Standard
4000
ns
Fast
900
ns
I4
tw(SCLL)
Pulse duration, SCL low
Standard
4700
ns
Fast
1300
ns
I5
tw(SCLH)
Pulse duration, SCL high
Standard
4000
ns
Fast
600
ns
I6
tsu(SDAV-SCLH)
Setup time, SDA valid before SCL high
Standard
250
ns
Fast
100
(2)
ns
I7
th(SCLL-SDAV)
Hold time, SDA valid after SCL low
Standard
0
(3)
3450
(4)
ns
Fast
0
(3)
900
(4)
ns
I8
tw(SDAH)
Pulse duration, SDA high between STOP and START
conditions
Standard
4700
ns
Fast
1300
ns
I9
tr(SDA)
Rise time, SDA
Standard
1000
ns
Fast
20*(Vdd/
5.5V)
(5)(7)
300
(3)(7)
ns
I10
tr(SCL)
Rise time, SCL
Standard
1000
ns
Fast
20*(Vdd/
5.5V)
(5)(7)
300
(3)(7)
ns
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
166
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com