Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 224 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 224 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 220Page - Texas Instruments AM6421 Datasheet HTML 221Page - Texas Instruments AM6421 Datasheet HTML 222Page - Texas Instruments AM6421 Datasheet HTML 223Page - Texas Instruments AM6421 Datasheet HTML 224Page - Texas Instruments AM6421 Datasheet HTML 225Page - Texas Instruments AM6421 Datasheet HTML 226Page - Texas Instruments AM6421 Datasheet HTML 227Page - Texas Instruments AM6421 Datasheet HTML 228Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 237 page
background image
Device
USBn_VBUS
J7ES_USB_VBUS_01
VSS
VSS
16.5 kΩ
1%
±
10 kΩ
1%
±
3.5 kΩ
1%
±
VBUS signal
(BZX84C6V8 or equivalent)
6.8V
Figure 9-4. USB VBUS Detect Voltage Divider / Clamp Circuit
The USB0_VBUS pin can be considered to be fail-safe because the external circuit in Figure 9-4 limits the input
current to the actual device pin in a case where VBUS is applied while the device is powered off.
9.3.4 System Power Supply Monitor Design Guidelines
The VMON_VSYS pin provides a way to monitor a system power supply. This system power supply is typically a
single pre-regulated power source for the entire system. This supply is monitored by comparing the output of an
external voltage divider circuit sourced by this supply with an internal voltage reference, with a power fail event
being triggered when the voltage applied to VMON_VSYS drops below the internal reference voltage. The actual
system power supply voltage trip point is determined by the system designer when selecting component values
used to implement the external resistor voltage divider circuit.
When designing the resistor divider circuit it is important to understand various factors which contribute to
variability in the system power supply monitor trip point. The first thing to consider is the initial accuracy of the
VMON_VSYS input threshold which has a nominal value of 0.45 V, with a variation of ±3%. Precision 1%
resistors with similar thermal coefficient are recommended for implementing the resistor voltage divider. This
minimizes variability contributed by resistor value tolerances. Input leakage current associated with
VMON_VSYS must also be considered since any current flowing into the pin creates a loading error on the
voltage divider output. The VMON_VSYS input leakage current may be in the range of 10 nA to 2.5 µA when
applying 0.45 V.
Note
The resistor voltage divider shall be designed such that its output voltage never exceeds the
maximum value defined in Section 7.4, Recommended Operating Conditions, during normal operating
conditions.
Figure 9-5 presents an example, where the system power supply is nominally 5 V and the maximum trigger
threshold is 5 V - 10%, or 4.5 V.
For this example, it is important to understand which variables effect the maximum trigger threshold when
selecting resistor values. It is obvious a device which has a VMON_VSYS input threshold of 0.45 V + 3% needs
to be considered when trying to design a voltage divider that doesn’t trip until the system supply drops 10%. The
effect of resistor tolerance and input leakage also needs to be considered, but how these contributions effect the
maximum trigger point may not be obvious. When selecting component values which produce a maximum
trigger voltage, the system designer must consider a condition where the value of R1 is 1% low and the value of
R2 is 1% high combined with a condition where input leakage current for the VMON_VSYS pin is 2.5 µA. When
implementing a resistor divider where R1 = 4.81 KΩ and R2 = 40.2 KΩ, the result is a maximum trigger threshold
of 4.523 V.
Once component values have been selected to satisfy the maximum trigger voltage as described above, the
system designer can determine the minimum trigger voltage by calculating the applied voltage that produces an
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
www.ti.com
224
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com