Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 225 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 225 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 221Page - Texas Instruments AM6421 Datasheet HTML 222Page - Texas Instruments AM6421 Datasheet HTML 223Page - Texas Instruments AM6421 Datasheet HTML 224Page - Texas Instruments AM6421 Datasheet HTML 225Page - Texas Instruments AM6421 Datasheet HTML 226Page - Texas Instruments AM6421 Datasheet HTML 227Page - Texas Instruments AM6421 Datasheet HTML 228Page - Texas Instruments AM6421 Datasheet HTML 229Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 237 page
background image
output voltage of 0.45 V - 3% when the value of R1 is 1% high and the value of R2 is 1% low, and the input
leakage current is 10 nA, or zero. Using an input leakage of zero with the resistor values given above, the result
is a minimum trigger threshold of 4.008 V.
This example demonstrates a system power supply voltage trip point that ranges from 4.008 V to 4.523 V.
Approximately 250 mV of this range is introduced by VMON_VSYS input threshold accuracy of ±3%,
approximately 150 mV of this range is introduced by resistor tolerance of ±1%, and approximately 100 mV of this
range is introduced by loading error when VMON_VSYS input leakage current is 2.5 µA.
The resistor values selected in this example produces approximately 100 µA of bias current through the resistor
divider when the system supply is 4.5 V. The 100 mV of loading error mentioned above could be reduced to
about 10 mV by increasing the bias current through the resistor divider to approximately 1 mA. So resistor
divider bias current vs loading error is something the system designer needs to consider when selecting
component values.
The system designer should also consider implementing a noise filter on the voltage divider output since
VMON_VSYS has minimum hysteresis and a high-bandwidth response to transients. This could be done by
installing a capacitor across R1 as shown in Figure 9-5. However, the system designer must determine the
response time of this filter based on system supply noise and expected response to transient events.
Device
VMON_VSYS
SPRSP56_VMON_ER_MON_01
VSS
4.81 k
1%
Ω
±
40.2 k
1%
Ω ±
VSYS
R1
R2
C1
Value = Determined by system designer
(System Power Supply)
Figure 9-5. System Supply Monitor Voltage Divider Circuit
VMON_1P8_MCU and VMON_1P8_SOC pins provide a way to monitor external 1.8 V power supplies. An
internal resistor divider with software control is implemented inside the SoC for each of these pins. Software can
program each internal resistor divider to create appropriate under voltage and over voltage interrupts.
VMON_3P3_MCU and VMON_3P3_SOC pins provide a way to monitor external 3.3 V power supplies. An
internal resistor divider with software control is implemented inside the SoC for each of these pins. Software can
program each internal resistor divider to create appropriate under voltage and over voltage interrupts.
9.3.5 High Speed Differential Signal Routing Guidance
The High Speed Interface Layout Guidelines provides guidance for successful routing of the high speed
differential signals. This includes PCB stackup and materials guidance as well as routing skew, length and
spacing limits. TI supports only designs that follow the board design guidelines contained in the application
report.
9.3.6 External Capacitors
Note
NOTE TO USERS:
The content of this section is UNDER DEVELOPMENT!
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
225
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com