Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM6421 Datasheet(PDF) 229 Page - Texas Instruments

Click here to check the latest version.
Part # AM6421
Description  AM64x Sitara Processors
PDF  237 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM6421 Datasheet(HTML) 229 Page - Texas Instruments

Back Button AM6421 Datasheet HTML 225Page - Texas Instruments AM6421 Datasheet HTML 226Page - Texas Instruments AM6421 Datasheet HTML 227Page - Texas Instruments AM6421 Datasheet HTML 228Page - Texas Instruments AM6421 Datasheet HTML 229Page - Texas Instruments AM6421 Datasheet HTML 230Page - Texas Instruments AM6421 Datasheet HTML 231Page - Texas Instruments AM6421 Datasheet HTML 232Page - Texas Instruments AM6421 Datasheet HTML 233Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 229 / 237 page
background image
Table 10-1. Nomenclature Description (continued)
FIELD PARAMETER
FIELD DESCRIPTION
VALUE
DESCRIPTION
Y
Functional Safety
G
Non-Functional Safety
F
Functional Safety
y
Security
G
Non-Secure
Other
Secure
t
Temperature (1)
A
-40°C to 105°C - Extended Industrial (see Section 7.4, Recommended
Operating Conditions)
PPP
Package Designator
ALV
ALV FCBGA-N441 (17.2 mm × 17.2 mm) Package
Q1
Automotive Designator
Q1
Auto Qualified (Q100)
BLANK
Standard
XXXXXXX
Lot Trace Code (LTC)
YYY
Production Code; For TI use only
ZZZ
Production Code; For TI use only
O
Pin one designator
G1
ECAT—Green package designator
(1)
Applies to device max junction temperature.
Note
BLANK in the symbol or part number is collapsed so there are no gaps between characters.
10.2 Tools and Software
The following products support development for AM64x platforms:
Development Tools
Clock Tree Tool for Sitara, Automotive, Vision Analytics, and Digital Signal Processors The Clock Tree
Tool (CTT) for Sitara™ Arm®, Automotive, and Digital Signal Processors is an interactive clock tree
configuration software that provides information about the clocks and modules in these TI devices. It allows the
user to:
• Visualize the device clock tree
• Interact with clock tree elements and view the effect on PRCM registers
• Interact with the PRCM registers and view the effect on the device clock tree
• View a trace of all the device registers affected by the user interaction with clock tree
Code Composer Studio™ Integrated Development Environment Code Composer Studio (CCS) Integrated
Development Environment (IDE) is a development environment that supports TI's Microcontroller and Embedded
Processors portfolio. Code Composer Studio comprises a suite of tools used to develop and debug embedded
applications. It includes an optimizing C/C++ compiler, source code editor, project build environment, debugger,
profiler, and many other features. The intuitive IDE provides a single user interface taking you through each step
of the application development flow. Familiar tools and interfaces allow users to get started faster than ever
before. Code Composer Studio combines the advantages of the Eclipse software framework with advanced
embedded debug capabilities from TI resulting in a compelling feature-rich development environment for
embedded developers.
Pin mux tool The Pin MUX Utility is a software tool which provides a Graphical User Interface for configuring pin
multiplexing settings, resolving conflicts and specifying I/O cell characteristics for TI MPUs. Results are output as
C header/code files that can be imported into software development kits (SDKs) or used to configure customer's
custom software. Version 4 of the Pin Mux utility adds the capability of automatically selecting a mux
configuration that satisfies the entered requirements.
Power Estimation Tool (PET) Power Estimation Tool (PET) provides users the ability to gain insight in to the
power consumption of select TI processors. The tool includes the ability for the user to choose multiple
www.ti.com
AM6442, AM6441, AM6421
AM6412, AM6411
SPRSP56 – JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
229
Product Folder Links: AM6442 AM6441 AM6421 AM6412 AM6411



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com