Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1X06000GA-N1-R3 Datasheet(PDF) 32 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 32 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 28Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 29Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 30Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 31Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 32Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 33Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 34Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 35Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 36Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
22
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
9. Control Panel
9.1 Control Panel Layout
Fig. 9-1 shows the LCD display and control layout for the T1000 UPS.
FIGURE 9-1: FRONT PANEL LAYOUT
TABLE 9-1: FRONT PANEL LAYOUT
Item # Description
Item # Description
1
Four-line by 20 character LCD Display
7
ONLINE/FAULT LED - Indicates UPS is either
Online (Green) or experiencing a Fault (Red)
2
▲ UP Push button - Scroll up one entry of display
stack (Entries may be one or more lines long)
8
WARNING LED - Lights (Amber) when a
Warning occurs
3
▼ DOWN Push button - Scroll down one line of
display stack.
9
AC INPUT LED - Lights (Green) when power
is applied to the UPS
4
ECS/MUTE Push button - Press to return to previ-
ous screen or cancel configuration mode. (In Main
screen, re-enables autoscroll)
MUTE - Press and hold ~5 sec. to Mute/Unmute the
alarm
10
Mini-USB port - Allows direct PC monitoring of
UPS performance
5
ENTER/MENU Push button - Press to Enter the
highlighted category. In Settings page use to enter
configuration mode or confirm changes.
11
Cold Start Switch - Starts UPS in backup
mode when utility power is not available.
NOTICE
If Utility Power is not
restored before the batteries are fully dis-
charged, the UPS will shut down.
(See Section 12.5)
6
RUN/STOP Push button - Toggle Inverter between
On-Line (RUN) and Bypass (STOP) mode
11
RUN/STOP
4.25"
90565
11-14
WLM
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECO
DATE
BY
DRAWN:
CHECKED:
APPROVED:
LABEL DISPLAY
T1000 UPS MODULE
68846
FULL
REV:
3
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
JEE 3/14
MATERIAL - SEE SHEET 1
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - SEE SHEET 1
MUST RESIST OIL SOLVENTS
Sh
2
of
2
89986
8-14
JEE
GRAIN DIRECTION: LEFT TO RIGHT
TEXT “T1000”: PANTONE RED 485
TEXT: ANSI BLACK
FONT: “T1000 SERIES”-HEMI HEAD
FONT: “UNINTERRUPTIBLE POWER SYSTEM”- ARIAL
FONT: SMALL TEXT-ARIAL BOLD
NOTE: LETTERING IS EXPLODED
ZIR 12-14
WLM 12-14
On-Line
STATUS
Input Freq:
60.0Hz
Output Freq: 60.0Hz
Menu
1
2
3
4
5
7
8
9
10
6
ESC/MUTE
ENTER/MENU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com