Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1X06000GA-N1-R3 Datasheet(PDF) 44 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 44 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 40Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 41Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 42Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 43Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 44Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 45Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 46Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 47Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 48Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 118 page
background image
34
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
12.9 Battery Recharging
The illustration below shows a graphical representation of the UPS battery recharge process after a full
discharge.
The recharge process usually consists of three periods.
• During the first period, the current is maintained at approximately 1.0 ampere. This current limit is the
maximum value that can be used to charge the batteries (for minimal recharge time) while assuring
safety and long battery life.
• In the second period, constant-voltage control starts and current gradually decreases as the batteries
charge to their normal fully charged state.
• In the third period, a slight trickle current continues to flow into the batteries to keep them fully charged
and floating at the normal Vdc level.
A full recharge usually requires 24 hours (90% recharge in 4 hours) after a complete discharge.
The following chart shows the rated maximum and minimum battery voltages and the charge current for
the UPS.
TABLE 12-2: RATED BATTERY VOLTAGES
Model
Vmax
(Float)
Vmin
Icharge
6 kVA
246 V
170 V
1.0 A
BATTERY
CHARGE
VOLTAGE
CURRENT
VOLTAGE
CHARGING
CURRENT
I
CHARGE
V
MAX
V
MIN
DISCHARGE
SHUT-OFF
POINT
PERIOD 1
PERIOD 2
PERIOD 3
TIME
FULLY
CHARGED
0
0
FIGURE 12-7: BATTERY RECHARGING PROFILE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com