Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1X06000GA-N1-R3 Datasheet(PDF) 55 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 55 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 51Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 52Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 53Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 54Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 55Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 56Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 57Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 58Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 59Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 118 page
background image
45
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
15.3 (Optional) Google ChromeTM Browser App
The Google Chrome browser app “
Toshiba T1000 Series UPS Monitoring Program” allows any
digital device running the Google Chrome browser to monitor the T1000 UPS via a cable to the USB
port. The Monitoring app only allows passive monitoring of the UPS performance.
The monitoring app can be run concurrently with the RemotEye Network card.
Requirements: Google ChromeTM web browser and Google GmailTM webmail account.
1. Download and install the Google Chrome browser if it’s not already on your monitoring platform.
2. Create a Google email (Gmail) account if you don’t have one.
3. Log in to the Chrome Web Store:
https://play.google.com/store (Figure 15-3)
4. Find and select the “
Toshiba T1000 Series UPS
Monitoring Program” app. (See Figure 15-4)
5. Click
[ + ADD TO CHROME ].
6. To monitor a T1000 Series UPS, connect the de-
vice running the monitoring program to the T1000
USB port. (See Figure 15-5)
7. Click on the
app icon to start the Monitoring
app.
FIGURE 15-4: GOOGLE CHROME APP ICON FOR
“Toshiba T1000 series UPs MoniToring PrograM”
FIGURE 15-5: CABLING THE T1000 TO A PLATFORM RUNNING THE
“Toshiba T1000 series UPs MoniToring PrograM”
RUN/STOP
4.25"
90565
11-14
WLM
THIS MATERIAL IS THE EXCLUSIVE PROPERTY OF TOSHIBA INTERNATIONAL
CORPORATION AND SHALL NOT BE REPRODUCED, USED, OR DISCLOSED
TO OTHERS UNLESS PRIOR WRITTEN AUTHORIZATION IS OBTAINED.
TITLE:
SCALE:
DRAWING NO.:
ECO
DATE
BY
DRAWN:
CHECKED:
APPROVED:
LABEL DISPLAY
T1000 UPS MODULE
68846
FULL
REV:
3
13131 WEST LITTLE YORK ROAD, HOUSTON, TX 77041 U.S.A.
JEE 3/14
MATERIAL - SEE SHEET 1
TEMPERATURE - MINUS 20 TO 100 deg. C
ADHESIVE - SEE SHEET 1
MUST RESIST OIL SOLVENTS
Sh
2
of
2
89986
8-14
JEE
GRAIN DIRECTION: LEFT TO RIGHT
TEXT “T1000”: PANTONE RED 485
TEXT: ANSI BLACK
FONT: “T1000 SERIES”-HEMI HEAD
FONT: “UNINTERRUPTIBLE POWER SYSTEM”- ARIAL
FONT: SMALL TEXT-ARIAL BOLD
NOTE: LETTERING IS EXPLODED
ZIR 12-14
WLM 12-14
On-Line
STATUS
Input Freq:
60.0Hz
Output Freq: 60.0Hz
Menu
ESC/MUTE
ENTER/MENU
USB Cable
FIGURE 15-3: GOOGLE CHROME APP STORE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com