Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1X06000GA-N1-R3 Datasheet(PDF) 18 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 18 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 14Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 15Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 16Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 17Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 18Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 19Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 20Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 21Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 22Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 118 page
background image
8
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
5. Installation Precautions
NOTICE
1. Observe the following environmental restrictions:
• Install the unit in a well-ventilated location.
• Install the unit where the ambient temperature is within the range specified in Appendix A -
“Specifications”.
• DO NOT install the UPS in areas that are subject to high humidity.
• DO NOT install the UPS in areas that allow exposure to direct sunlight.
• DO NOT install the UPS in areas that allow exposure to high levels of airborne dust, metal
particles, or flammable gases.
• DO NOT install the UPS in areas near sources of electrical noise. Ensuring a proper earth ground
will reduce the effects of electrical noise and will reduce the potential for electrical shock.
• DO NOT install the UPS in areas that would allow fluids or any foreign object to get inside the
UPS.
2. Install the unit in a stable, level and upright position that is free of excessive vibration.
3. Follow the instructions on the unpacking label affixed to the exterior of the UPS.
4. Tower Unit with Caster Kit Option Only: Once the installation is complete, screw down the UPS
leveling feet located next to the front and back casters, until the unit is no longer resting on the
casters.
5. The UPS generates and can radiate radio-frequency energy during operation. Although RFI noise
filters are installed inside of the unit, there is no guarantee that the UPS will not influence some
sensitive devices that are operating near by. If such interference is experienced, the UPS should be
installed farther away from the affected equipment and/or powered from a different source than that
of the affected equipment.
6. It is the responsibility of the installer of this equipment to provide a suitable disconnect for the Control
Panel supplying power to this equipment.
This disconnect must:
Be suitable for the Voltage and Full Load Ampere Rating of all downstream equipment supplied by
the Panel;
The supply disconnecting device shall be one of the following types:
• Switch-disconnect, with or without fuses, in accordance with IEC 60947-3, utilization category
AC-23B or DC-23B
• As above, except one that has an auxiliary contact that in all cases causes switching devices
to break the load circuit before the opening of the main contacts of the disconnect.
• A circuit breaker suitable as an isolation device per IEC 60947-2
• Any other switching device in accordance with an IEC product standard that also meets the
isolation requirements of IEC 60947-1 and is appropriate for on-load switching of motors or
other inductive loads;
Be approved for use as a disconnect for the country in which this equipment is installed.
Be provided with a Lock Out Tag Out capability in the Off (Down) position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com