Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T1X06000GA-N1-R3 Datasheet(PDF) 19 Page - Toshiba Semiconductor

Part # T1X06000GA-N1-R3
Description  UNINTERRUPTIBLE POWER SYSTEM (UPS)
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

T1X06000GA-N1-R3 Datasheet(HTML) 19 Page - Toshiba Semiconductor

Back Button T1X06000GA-N1-R3 Datasheet HTML 15Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 16Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 17Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 18Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 19Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 20Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 21Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 22Page - Toshiba Semiconductor T1X06000GA-N1-R3 Datasheet HTML 23Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 118 page
background image
9
T1000 Series UPS 5.6-6kVA Installation and Operation Manual – 91074-005
7. Allow 5 minutes after power is removed for internal capacitors to fully discharge before attempting
to service the unit.
8. The user should provide output over-current protection for hardwired UPS systems. See “Appendix
A: T1000 Specifications” on page A-1A-2 for the device rating.
9. After ensuring that all power sources are turned off and isolated in accordance with established
lockout/tagout procedures, connect the power source wiring of the correct voltage to the input
terminals of the UPS.
10. Hardwire Only: Connect the output terminals of the UPS to the load in line with local wiring
regulations. Size the branch circuit conductors in accordance with NEC Table 310.16.
5.1 Conductor Routing and Grounding
1. Use separate metal conduits for routing the input power, output power, and control circuits.
2. Follow the wire size and tightening torque specifications listed on Table 7-4.
3. Always ground the unit to reduce the potential for electrical shock and to help reduce electrical
noise.
4. A separate ground cable should be run inside the conduit with the input power, output power, and
control circuits.
WARNING
METAL OF CONDUIT IS NOT AN ACCEPTABLE GROUND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com