Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304-I/ST Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP3304-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304-I/ST Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP3304-I/ST Datasheet HTML 28Page - Microchip Technology MCP3304-I/ST Datasheet HTML 29Page - Microchip Technology MCP3304-I/ST Datasheet HTML 30Page - Microchip Technology MCP3304-I/ST Datasheet HTML 31Page - Microchip Technology MCP3304-I/ST Datasheet HTML 32Page - Microchip Technology MCP3304-I/ST Datasheet HTML 33Page - Microchip Technology MCP3304-I/ST Datasheet HTML 34Page - Microchip Technology MCP3304-I/ST Datasheet HTML 35Page - Microchip Technology MCP3304-I/ST Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
MCP3302/04
DS21697B-page 32
 2002 Microchip Technology Inc.
16-Lead Plastic Dual In-line (P) – 300 mil (PDIP)
15
10
5
15
10
5
β
Mold Draft Angle Bottom
15
10
5
15
10
5
α
Mold Draft Angle Top
10.92
9.40
7.87
.430
.370
.310
eB
Overall Row Spacing
§
0.56
0.46
.036
.022
.018
.014
B
Lower Lead Width
1.78
1.46
1.14
.070
.058
.045
B1
Upper Lead Width
0.38
0.29
0.20
.015
.012
.008
c
Lead Thickness
3.43
3.30
3.18
.135
.130
.125
L
Tip to Seating Plane
19.30
19.05
18.80
.760
.750
.740
D
Overall Length
6.60
6.35
6.10
.260
.250
.240
E1
Molded Package Width
8.26
7.94
7.62
.325
.313
.300
E
Shoulder to Shoulder Width
0.38
.015
A1
Base to Seating Plane
3.68
3.30
2.92
.145
.130
.115
A2
Molded Package Thickness
4.32
3.94
3.56
.170
.155
.140
A
Top to Seating Plane
2.54
.100
p
Pitch
16
16
n
Number of Pins
MAX
NOM
MIN
MAX
NOM
MIN
Dimension Limits
MILLIMETERS
INCHES*
Units
2
1
D
n
E1
c
β
eB
E
α
p
L
A2
B
B1
A
A1
* Controlling Parameter
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed
.010” (0.254mm) per side.
JEDEC Equivalent: MS-001
Drawing No. C04-017
§ Significant Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com