Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304-I/ST Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP3304-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304-I/ST Datasheet(HTML) 5 Page - Microchip Technology

  MCP3304-I/ST Datasheet HTML 1Page - Microchip Technology MCP3304-I/ST Datasheet HTML 2Page - Microchip Technology MCP3304-I/ST Datasheet HTML 3Page - Microchip Technology MCP3304-I/ST Datasheet HTML 4Page - Microchip Technology MCP3304-I/ST Datasheet HTML 5Page - Microchip Technology MCP3304-I/ST Datasheet HTML 6Page - Microchip Technology MCP3304-I/ST Datasheet HTML 7Page - Microchip Technology MCP3304-I/ST Datasheet HTML 8Page - Microchip Technology MCP3304-I/ST Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 5
MCP3302/04
Timing Specifications:
Clock Frequency (Note 8)
FCLK
0.105
0.105
—
—
2.1
1.05
MHz
MHz
VDD = 5V, FSAMPLE = 100 ksps
VDD = 2.7V, FSAMPLE = 50 ksps
Clock High Time
THI
210
—
—
ns
Note 5
Clock Low Time
TLO
210
—
—
ns
Note 5
CS Fall To First Rising CLK Edge
TSUCS
100
—
—
ns
Data In Setup time
TSU
50
—
—
ns
Data In Hold Time
THD
——
50
ns
CLK Fall To Output Data Valid
TDO
——
125
200
ns
ns
VDD = 5V, see Figure 3-1
VDD = 2.7V, see Figure 3-1
CLK Fall To Output Enable
TEN
——
125
200
ns
ns
VDD = 5V, see Figure 3-1
VDD = 2.7V, see Figure 3-1
CS Rise To Output Disable
TDIS
—
—
100
ns
See test circuits, Figure 3-1
Note 1
CS Disable Time
TCSH
475
—
—
ns
DOUT Rise Time
TR
—
—
100
ns
See test circuits, Figure 3-1
Note 1
DOUT Fall Time
TF
—
—
100
ns
See test circuits, Figure 3-1
Note 1
Power Requirements:
Operating Voltage
VDD
2.7
—
5.5
V
Operating Current
IDD
—
—
300
200
450
—
µAVDD, VREF = 5V, DOUT unloaded
VDD, VREF = 2.7V, DOUT unloaded
Standby Current
IDDS
—0.05
1
µACS = VDD = 5.0V
Temperature Ranges:
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+85
°C
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistance:
Thermal Resistance, 14L-PDIP
θJA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—108
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—100
—
°C/W
Thermal Resistance, 16L-PDIP
θJA
—70
—
°C/W
Thermal Resistance, 16L-SOIC
θJA
—90
—
°C/W
ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, all parameters apply at VDD = 5V, VSS = 0V, and VREF = 5V. Full differential
input configuration (Figure 3-4) with fixed common mode voltage of 2.5V. All parameters apply over temperature with
TAMB = -40°C to +85°C (Note 7). Conversion speed (FSAMPLE) is 100 ksps with FCLK = 21*FSAMPLE
Parameter
Symbol
Min
Typ
Max
Units
Conditions
Note 1: This specification is established by characterization and not 100% tested.
2: See characterization graphs that relate converter performance to VREF level.
3: VIN = 0.1V to 4.9V @ 1 kHz.
4: VDD =5VP-P ±500 mV @ 1 kHz, see test circuit Figure 3-3.
5: Maximum clock frequency specification must be met.
6: VREF = 400 mV, VIN = 0.1V to 4.9V @ 1 kHz
7: TSSOP devices are only specified at 25°C and +85°C.
8: For slow sample rates, see Section 6.2.1 for limitations on clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com