Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304-I/ST Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP3304-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304-I/ST Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP3304-I/ST Datasheet HTML 6Page - Microchip Technology MCP3304-I/ST Datasheet HTML 7Page - Microchip Technology MCP3304-I/ST Datasheet HTML 8Page - Microchip Technology MCP3304-I/ST Datasheet HTML 9Page - Microchip Technology MCP3304-I/ST Datasheet HTML 10Page - Microchip Technology MCP3304-I/ST Datasheet HTML 11Page - Microchip Technology MCP3304-I/ST Datasheet HTML 12Page - Microchip Technology MCP3304-I/ST Datasheet HTML 13Page - Microchip Technology MCP3304-I/ST Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MCP3302/04
DS21697B-page 10
 2002 Microchip Technology Inc.
Note:
Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V,
FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25°C.
FIGURE 2-19:
Positive Gain Error vs.
Temperature.
FIGURE 2-20:
Signal to Noise Ratio (SNR)
vs. Input Frequency.
FIGURE 2-21:
Total Harmonic Distortion
(THD) vs. Input Frequency.
FIGURE 2-22:
Offset Error vs.
Temperature.
FIGURE 2-23:
Signal to Noise and
Distortion (SINAD) vs. Input Frequency.
FIGURE 2-24:
Signal to Noise and
Distortion (SINAD) vs. Input Signal Level.
-1.8
-1.6
-1.4
-1.2
-1
-0.8
-0.6
-0.4
-0.2
0
-50
0
50
100
150
Temperature (°C)
VDD=VREF=5V
FSAMPLE = 100 ksps
VDD=VREF=2.7V
FSAMPLE = 50 ksps
0
10
20
30
40
50
60
70
80
90
100
110
100
Input Frequency (kHz)
VDD=VREF=5V
FSAMPLE = 100 ksps
VDD=VREF=2.7V
FSAMPLE = 50 ksps
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
110
100
Input Frequency (kHz)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
VDD=VREF=5V
FSAMPLE = 100 ksps
0
0.5
1
1.5
2
2.5
3
3.5
-50
0
50
100
150
Temperature (°C)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
VDD=VREF=5V
FSAMPLE = 100 ksps
0
10
20
30
40
50
60
70
80
90
110
100
Input Frequency (kHz)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
VDD=VREF=5V
FSAMPLE = 100 ksps
0
10
20
30
40
50
60
70
80
-40
-35
-30
-25
-20
-15
-10
-5
0
Input Signal Level (dB)
VDD=VREF=2.7V
FSAMPLE = 50 ksps
VDD=VREF=5V
FSAMPLE = 100 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com