Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304-I/ST Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP3304-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304-I/ST Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP3304-I/ST Datasheet HTML 10Page - Microchip Technology MCP3304-I/ST Datasheet HTML 11Page - Microchip Technology MCP3304-I/ST Datasheet HTML 12Page - Microchip Technology MCP3304-I/ST Datasheet HTML 13Page - Microchip Technology MCP3304-I/ST Datasheet HTML 14Page - Microchip Technology MCP3304-I/ST Datasheet HTML 15Page - Microchip Technology MCP3304-I/ST Datasheet HTML 16Page - Microchip Technology MCP3304-I/ST Datasheet HTML 17Page - Microchip Technology MCP3304-I/ST Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
MCP3302/04
DS21697B-page 14
 2002 Microchip Technology Inc.
3.0
TEST CIRCUITS
FIGURE 3-1:
Load Circuit for TR, TF, TDO.
FIGURE 3-2:
Load circuit for TDIS and
TEN.
FIGURE 3-3:
Power Supply Sensitivity
Test Circuit (PSRR).
FIGURE 3-4:
Full Differential Test
Configuration Example.
FIGURE 3-5:
Pseudo Differential Test
Configuration Example.
Test Point
1.4V
DOUT
3kΩ
C
L = 100 pF
*Waveform 1 is for an output with internal con-
ditions such that the output is high, unless dis-
abled by the output control.
†Waveform 2 is for an output with internal con-
ditions such that the output is low, unless dis-
abled by the output control.
Test Point
DOUT
3kΩ
100 pF
TDIS Waveform 2
TDIS Waveform 1
TEN Waveform
VDD
V
DD/2
VSS
V
IH
TDIS
CS
DOUT
Waveform 1*
DOUT
Waveform 2†
90%
10%
Voltage Waveforms for TDIS
2.63V
-
+
1k
Ω
5V ±500 mVP-P
5VP-P
1k
Ω
20 k
Ω
To VDD on DUT
1k
Ω
1/2 MCP602
VDD = 5V
0.1 µF
IN(+)
IN(-)
MCP330X
5VP-P
VREF = 5V
5VP-P
VCM = 2.5V
1µF
0.1 µF
VREF VDD
VSS
0.1µF
IN(+)
IN(-)
MCP330X
VDD = 5V
VCM = 2.5V
5VP-P
VREF = 2.5V
1µF
0.1µF
VREF VDD
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com