Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP3304-I/ST Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP3304-I/ST
Description  13-Bit Differential Input, Low Power A/D Converter with SPI Serial Interface
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3304-I/ST Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP3304-I/ST Datasheet HTML 3Page - Microchip Technology MCP3304-I/ST Datasheet HTML 4Page - Microchip Technology MCP3304-I/ST Datasheet HTML 5Page - Microchip Technology MCP3304-I/ST Datasheet HTML 6Page - Microchip Technology MCP3304-I/ST Datasheet HTML 7Page - Microchip Technology MCP3304-I/ST Datasheet HTML 8Page - Microchip Technology MCP3304-I/ST Datasheet HTML 9Page - Microchip Technology MCP3304-I/ST Datasheet HTML 10Page - Microchip Technology MCP3304-I/ST Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
 2002 Microchip Technology Inc.
DS21697B-page 7
MCP3302/04
2.0
TYPICAL PERFORMANCE CURVES
Note:
Unless otherwise indicated, VDD = VREF = 5V, Full differential input configuration, VSS = 0V,
FSAMPLE = 100 ksps, FCLK = 21*FSAMPLE, TA = 25°C.
.
FIGURE 2-1:
Integral Nonlinearity (INL)
vs. Sample Rate
FIGURE 2-2:
Integral Nonlinearity (INL)
vs. VREF.
FIGURE 2-3:
Integral Nonlinearity (INL)
vs. Code (Representative Part).
.
FIGURE 2-4:
Integral Nonlinearity (INL)
vs. Sample Rate (VDD = 2.7V)
.
FIGURE 2-5:
Integral Nonlinearity (INL)
vs. VREF (VDD = 2.7V)
FIGURE 2-6:
Integral Nonlinearity (INL)
vs. Code (Representative Part, VDD = 2.7V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
Sample Rate (ksps)
Positive INL
Negative INL
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
012
34
5
VREF(V)
Positive INL
Negative INL
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-4096
-3072
-2048
-1024
0
1024
2048
3072
4096
Code
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
0
1020304050
60
70
Sample Rate (ksps)
Negative INL
Positive INL
VDD=VREF=2.7V
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
00.511.522.5
3
VREF(V)
Positive INL
Negative INL
VDD = 2.7V
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
-4096
-3072
-2048
-1024
0
1024
2048
3072
4096
Code
VDD=VREF=2.7V
FSAMPLE = 50 ksps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com