Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9546/PCBZ Datasheet(PDF) 103 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 103 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 99Page - Analog Devices AD9546/PCBZ Datasheet HTML 100Page - Analog Devices AD9546/PCBZ Datasheet HTML 101Page - Analog Devices AD9546/PCBZ Datasheet HTML 102Page - Analog Devices AD9546/PCBZ Datasheet HTML 103Page - Analog Devices AD9546/PCBZ Datasheet HTML 104Page - Analog Devices AD9546/PCBZ Datasheet HTML 105Page - Analog Devices AD9546/PCBZ Datasheet HTML 106Page - Analog Devices AD9546/PCBZ Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 103 of 205
CLOCK
OUTPUT
BURST
PATTERN
TRIGGER
FALLING EDGE
TERMINATES
PERIODIC BURST
START
PATTERN
GENERATION
BURST
PATTERN
BURST
PATTERN
BURST
PATTERN
BURST
PATTERN
TIME
Figure 72. Periodic Gapped Clock Signal
Q DIVIDER
OUTPUT
CLOCK
OUTPUT
Q DIVIDER PERIOD (PER ITS INPUT CLOCK AND DIVIDE RATIO)
CLOCK SEGMENT = 6
GAP SEGMENT = 10
TRIGGER
TIME
PULSES
STALL
ABSENT PULSES
END OF
PREVIOUS
BURST
END OF
FINAL
BURST
Figure 73. Stalling a Periodic Gapped Clock Signal
N Shot Triggering
The N shot trigger signal originates from one of two sources.
Bit 0 of Register 0x2101 or Register 0x2201
An external signal applied via an Mx pin
In either case, a Logic 1 constitutes a trigger event. In general,
the user must apply Logic 1 to trigger the N shot generators and
then return the trigger source to Logic 0. Otherwise, holding
the trigger source in a Logic 1 state indefinitely may lead to
unwanted retriggering of the N shot generators on subsequent
distribution synchronization events (see the Distribution
Output Clock Synchronization section).
The N shot generators respond to the trigger signal based on
Bit 6 of Register 0x10D3 or Register 0x14D3. As described in
the N Shot Pattern Generation section, Bit 6 makes the trigger
input of the N shot generators edge or level sensitive for
generating burst or periodic gapped clock signals, respectively (per
Figure 71 and Figure 72).
The trigger mechanism for delivering a trigger signal to the
N shot generators appears in the upper left section of Figure 68.
The N shot generators support two triggering methods: direct
and retimed.
To select the desired triggering method, use Bit 0 of
Register 0x10D6 for PLL0 or Register 0x14D6 for PLL1. Logic 0
(default) selects direct, whereas Logic 1 selects retimed. For a
description of Bit 4 of Register 0x10D6 in Figure 68, see the
Modulation Trigger section.
For the direct triggering method, the trigger signal applies
directly to the trigger input of the N shot generators. Thus, the
trigger signal is the trigger event.
Note that in the following paragraphs, the terms slowest and
fastest appear in reference to the output clock signal of the Q
dividers. Slowest and fastest refers to the largest and smallest Q
divider phase offset value, respectively (see the Initial Phase Offset
section).
For the retimed triggering method, the trigger signal routes to
the N shot retime block instead of directly to the N shot
generators. The rising edge of the trigger signal initializes the
retiming block such that the retiming block waits for the rising
edge of the slowest Q divider enabled for N shot operation
(user specified). The trigger signal, qualified by the rising edge
of the slowest Q divider, constitutes a retimed trigger event.
The retiming block sends a trigger signal to the N shot
generators coincident with the retimed trigger event as shown in
Figure 81.
The retimed trigger event occurs with a latency of three rising
edges of the slowest Q divider. Furthermore, when using the
retimed trigger mechanism, the associated Q dividers must
have a divide ratio of at least 32. A minimum setup time of
48 Q divider input half cycles is required between the retiming
output (slowest) and the subsequent N shot enabled output
(fastest).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com