| Electronic Components Datasheet Search |
|
TMS320F28075PZP Datasheet(PDF) 104 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320F28075PZP Datasheet(HTML) 104 Page - Texas Instruments |
|
104 / 192 page ![]() 7.11 Control Peripherals Note For the actual number of each peripheral on a specific device, see Table 5-1. 7.11.1 Enhanced Capture (eCAP) The eCAP module can be used in systems where accurate timing of external events is important. Applications for eCAP include: • Speed measurements of rotating machinery (for example, toothed sprockets sensed through Hall sensors) • Elapsed time measurements between position sensor pulses • Period and duty cycle measurements of pulse train signals • Decoding current or voltage amplitude derived from duty cycle encoded current/voltage sensors The eCAP module includes the following features: • 4-event time-stamp registers (each 32 bits) • Edge-polarity selection for up to four sequenced time-stamp capture events • Interrupt on either of the four events • Single shot capture of up to four event timestamps • Continuous mode capture of timestamps in a four-deep circular buffer • Absolute time-stamp capture • Difference (Delta) mode time-stamp capture • All of the above resources dedicated to a single input pin • When not used in capture mode, the eCAP module can be configured as a single-channel PWM output (APWM). The eCAP inputs connect to any GPIO input through the Input X-BAR. The APWM outputs connect to GPIO pins through the Output X-BAR to OUTPUTx positions in the GPIO mux. See Section 6.4.2 and Section 6.4.3. Figure 7-44 shows the block diagram of an eCAP module. TMS320F28076, TMS320F28075 SPRS902J – OCTOBER 2014 – REVISED FEBRUARY 2021 www.ti.com 104 Submit Document Feedback Copyright © 2021 Texas Instruments Incorporated Product Folder Links: TMS320F28076 TMS320F28075 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |