Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 154 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 154 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 150Page - ATMEL Corporation AT90PWM2 Datasheet HTML 151Page - ATMEL Corporation AT90PWM2 Datasheet HTML 152Page - ATMEL Corporation AT90PWM2 Datasheet HTML 153Page - ATMEL Corporation AT90PWM2 Datasheet HTML 154Page - ATMEL Corporation AT90PWM2 Datasheet HTML 155Page - ATMEL Corporation AT90PWM2 Datasheet HTML 156Page - ATMEL Corporation AT90PWM2 Datasheet HTML 157Page - ATMEL Corporation AT90PWM2 Datasheet HTML 158Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 365 page
background image
154
AT90PWM2/3
4317A-3–AVR–02/05
PSC Input Mode 3: Stop signal, Execute Opposite while Fault active
Figure 78. PSCn behaviour versus PSCn Input A in Mode 3
PSC Input A is taken into account during DT0 and OT0 only. It has no effect during DT1
and OT1.
When PSC Input A event occurs, PSC releases PSCOUTn0, jumps and executes DT1
plus OT1 plus DT0 while PSC Input A is in active state.
Even if PSC Input A is released during DT1 or OT1, DT1 plus OT1 sub-cycle is always
completely executed.
Figure 79. PSCn behaviour versus PSCn Input B in Mode 3
PSC Input B is taken into account during DT1 and OT1 only. It has no effect during DT0
and OT0.
When PSC Input B event occurs, PSC releases PSCnOUT1, jumps and executes DT0
plus OT0 plus DT1 while PSC Input B is in active state.
Even if PSC Input B is released during DT0 or OT0, DT0 plus OT0 sub-cycle is always
completely executed.
PSCOUTn0
PSCOUTn1
PSC Input A
PSC Input B
DT0
OT0
DT1
OT1
DT0 OT0 DT1 OT1
DT0
OT0
DT1
OT1
DT1 OT1
DT1 OT1
PSCOUTn0
PSCOUTn1
PSC Input A
PSC Input B
DT0
OT0
DT1
OT1
DT0
OT0
DT1
OT1
DT0
OT0
DT1
OT1
DT0
OT0
DT0
OT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com