Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 150 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 150 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation AT90PWM2 Datasheet HTML 147Page - ATMEL Corporation AT90PWM2 Datasheet HTML 148Page - ATMEL Corporation AT90PWM2 Datasheet HTML 149Page - ATMEL Corporation AT90PWM2 Datasheet HTML 150Page - ATMEL Corporation AT90PWM2 Datasheet HTML 151Page - ATMEL Corporation AT90PWM2 Datasheet HTML 152Page - ATMEL Corporation AT90PWM2 Datasheet HTML 153Page - ATMEL Corporation AT90PWM2 Datasheet HTML 154Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 365 page
background image
150
AT90PWM2/3
4317A-3–AVR–02/05
Figure 73. Burst Generation
PSC Input Configuration
The PSC Input Configuration is done by programming bits in configuration registers.
Filter Enable
If the “Filter Enable” bit is set, a digital filter of 4 cycles is inserted before evaluation of
the signal. The disable of this function is mainly needed for prescaled PSC clock
sources, where the noise cancellation gives too high latency.
Important: If the digital filter is active, the level sensitivity is true also with a disturbed
PSC clock to deactivate the outputs (emergency protection of external component).
Likewise when used as fault input, PSCn Input A or Input B have to go through PSC to
act on PSCOUTn0/1/2/3 output. This way needs that CLK
PSC is running. So thanks to
PSC Asynchronous Output Control bit (PAOCnA/B), PSCnIN0/1 input can desactivate
directly the PSC output. Notice that in this case, input is still taken into account as usu-
ally by Input Module System as soon as CLK
PSC is running.
PSC Input Filterring
Signal Polarity
One can select the active edge (edge modes) or the active level (level modes) See
PELEVnx bit description in Section “PSC n Input A Control Register – PFRCnA”,
page 176.
If PELEVnx bit set, the significant edge of PSCn Input A or B is rising (edge modes) or
the active level is high (level modes) and vice versa for unset/falling/low
OFF
PSCOUTn0
PSCOUTn1
PSCn Input A
(high level)
PSCn Input A
(low level)
BURST
Digital
Filter
4 x CLK
PSC Input
Module X
Ouput
Stage
PSCOUTnX
PIN
PSCn Input A or B
CLKPSC
PSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com