Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 148 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 148 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation AT90PWM2 Datasheet HTML 147Page - ATMEL Corporation AT90PWM2 Datasheet HTML 148Page - ATMEL Corporation AT90PWM2 Datasheet HTML 149Page - ATMEL Corporation AT90PWM2 Datasheet HTML 150Page - ATMEL Corporation AT90PWM2 Datasheet HTML 151Page - ATMEL Corporation AT90PWM2 Datasheet HTML 152Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 365 page
background image
148
AT90PWM2/3
4317A-3–AVR–02/05
Figure 69. PSCOUTn0 retriggered by PSCn Input A (Edge Retriggering)
Note:
This exemple is given in “Input Mode 8” in “2 or 4 ramp mode” See Figure 85. for details.
Figure 70. PSCOUTn0 retriggered by PSCn Input A (Level Acting)
Note:
This exemple is given in “Input Mode 1” in “2 or 4 ramp mode” See Figure 74. for details.
Retrigger PSCOUTn1 On
External Event
PSCOUTn1 ouput can be resetted before end of On-Time 1 on the change on PSCn
Input B. The polarity of PSCn Input B is configurable thanks to a sense control block.
PSCn Input B can be configured to do not act or to act on level or edge modes. PSCn
Input B can be the Output of the analog comparator or the PSCINn input.
As the period of the cycle decreases, the instantaneous frequency of the two outputs
increases.
On-Time 0
On-Time 1
PSCOUTn0
PSCOUTn1
Dead-Time 1
Dead-Time 0
PSCn Input A
(falling edge)
PSCn Input A
(rising edge)
On-Time 0
On-Time 1
PSCOUTn0
PSCOUTn1
Dead-Time 1
Dead-Time 0
PSCn Input A
(high level)
PSCn Input A
(low level)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com