Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 147 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 147 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation AT90PWM2 Datasheet HTML 147Page - ATMEL Corporation AT90PWM2 Datasheet HTML 148Page - ATMEL Corporation AT90PWM2 Datasheet HTML 149Page - ATMEL Corporation AT90PWM2 Datasheet HTML 150Page - ATMEL Corporation AT90PWM2 Datasheet HTML 151Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 365 page
background image
147
AT90PWM2/3
4317A-3–AVR–02/05
PSC Inputs
Each part A or B of PSC has its own system to take into account one PSC input. Accord-
ing to PSC n Input A/B Control Register (see description page 176), PSCnIN0/1 input
can act has a Retrigger or Fault input.
This system A or B is also configured by this PSC n Input A/B Control Register
(PFRCnA/B).
Figure 68. PSC Input Module
PSC Retrigger Behaviour
versus PSC running modes
In centered mode, Retrigger Inputs have no effect.
In two ramp or four ramp mode, Retrigger Inputs A or B cause the end of the corre-
sponding cycle A or B and the beginning of the following cycle B or A.
In one ramp mode, Retrigger Inputs A or B reset the current PSC counting to zero.
Retrigger PSCOUTn0 On
External Event
PSCOUTn0 ouput can be resetted before end of On-Time 0 on the change on PSCn
Input A. PSCn Input A can be configured to do not act or to act on level or edge modes.
The polarity of PSCn Input A is configurable thanks to a sense control block. PSCn Input
A can be the Output of the analog comparator or the PSCINn input.
As the period of the cycle decreases, the instantaneous frequency of the two outputs
increases.
Analog
Comparator
n Output
PSCINn
Digital
Filter
PISELnA
(PISELnB)
PFLTEnA
(PFLTEnB)
PAOCnA
(PAOCnB)
Input
Processing
(retriggering ...)
PSC Core
(Counter,
Waveform
Generator, ...)
Output
Control
1
0
0
1
PSCOUTn0
(PSCOUTn1)
(PSCOUT22)
(PSCOUT23)
CLK PSC
CLK PSC
CLK PSC
PELEVnA /
(PELEVnB)
PRFMnA3:0
(PRFMnB3:0)
PCAEnA
(PCAEnB)
2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com