Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 145 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 145 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation AT90PWM2 Datasheet HTML 147Page - ATMEL Corporation AT90PWM2 Datasheet HTML 148Page - ATMEL Corporation AT90PWM2 Datasheet HTML 149Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 365 page
background image
145
AT90PWM2/3
4317A-3–AVR–02/05
Figure 66. Resulting Frequency versus d.
Modes of Operation
Normal Mode
The simplest mode of operation is the normal mode. See Figure 60.
The active time of PSCOUTn0 is given by the OT0 value. The active time of PSCOUTn1
is given by the OT1 value. Both of them are 12 bit values. Thanks to DT0 & DT1 to ajust
the dead time between PSCOUTn0 and PSCOUTn1 active signals.
The waveform frequency is defined by the following equation:
Enhanced Mode
The Enhanced Mode uses the previously described method to generate a high resolu-
tion frequency.
Figure 67. Enhanced Mode, Timing Diagram
The supplementary step in counting to generate f
b2 is added on the PSCn0 signal while
needed in the frame according to the fractional divider. SeeTable 56, “Distribution of fb2
in the modulated frame,” on page 144.
The waveform frequency is defined by the following equations:
fb1
fb2
d:
0
1
2
3
4
5
6
7
8
9 10 11 12 13 14 15
f
OP
f
PSCn
1
PSCnCycle
------------------------------
=
fCLK_PSCn
OT0
OT1
DT0
DT1
+++
()
----------------------------------------------------------------------
1
==
=
PSCOUTn0
T1
Period
PSCOUTn1
OT0
OT1
DT1
DT0
T2
OT0+1
OT1
DT1
DT0
DT0
f1
PSCn
1
T1
------
f
CLK_PSCn
OT0
OT1
DT0
DT1
+++
()
----------------------------------------------------------------------
==
f2
PSCn
1
T
2
------
fCLK_PSCn
OT0
OT1
DT0
DT11
++++
()
--------------------------------------------------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com