Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 142 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 142 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation AT90PWM2 Datasheet HTML 146Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 365 page
background image
142
AT90PWM2/3
4317A-3–AVR–02/05
Fifty Percent Waveform
Configuration
When PSCOUTn0 and PSCOUTn1 have the same characteristics, it’s possible to con-
figure the PSC in a Fifty Percent mode. When the PSC is in this configuration, it
duplicates the OCRnSBH/L and OCRnRBH/L registers in OCRnSAH/L and OCRn-
RAH/L registers. So it is not necessary to program OCRnSAH/L and OCRnRAH/L
registers.
Update of Values
To avoid unasynchronous and incoherent values in a cycle, if an update of one of sev-
eral values is necessary, all values are updated at the same time at the end of the cycle
by the PSC. The new set of values is calculated by sofware and the update is initiated
by software.
Figure 65. Update at the end of complete PSC cycle.
The software can stop the cycle before the end to update the values and restart a new
PSC cycle.
Value Update Synchronization
New timing values can be written during the PSC cycle. Thanks to LOCK and
AUTOLOCK configuration bits, the new whole set of values can be taken into account
after the end of the PSC cycle.
When AUTOLOCK configuration bit is set, the update of the PSC internal registers will
be done at the end of the PSC cycle if the Output Compare Register RB has been the
last written.
When LOCK configuration bit is set, there is no update. The update of the PSC internal
registers will be done at the end of the PSC cycle if the LOCK bit is released to zero.
When set, AUTOLOCK configuration bit prevails over LOCK configuration bit.
See “PSC 0 Configuration Register – PCNF0” on page 171
Software
PSC
Regulation Loop
Calculation
Writting in
PSC Registers
Cycle
With Set i
Cycle
With Set i
Cycle
With Set i
Cycle
With Set i
Cycle
With Set j
End of Cycle
Request for
an Update



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com