Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 365 page
background image
138
AT90PWM2/3
4317A-3–AVR–02/05
Running Mode Description
Waveforms and length of output signals are determined by Time Parameters (DT0,
OT0, DT1, OT1) and by the running mode. Four modes are possible :
–
Four Ramp mode
–
Two Ramp mode
–
One Ramp mode
–
Center Aligned mode
Four Ramp Mode
In Four Ramp mode, each time in a cycle has its own definition
Figure 60. PSCn0 & PSCn1 Basic Waveforms in Four Ramp mode
The input clock of PSC is given by CLKPSC.
PSCOUTn0 and PSCOUTn1 signals are defined by On-Time 0, Dead-Time 0, On-Time
1 and Dead-Time 1 values with :
On-Time 0 = OCRnRAH/L * 1/Fclkpsc
On-Time 1 = OCRnRBH/L * 1/Fclkpsc
Dead-Time 0 = (OCRnSAH/L + 2) * 1/Fclkpsc
Dead-Time 1 = (OCRnSBH/L + 2) * 1/Fclkpsc
Note:
Minimal value for Dead-Time 0 and Dead-Time 1 = 2 * 1/Fclkpsc
On-Time 0
On-Time 1
PSCOUTn0
PSCOUTn1
Dead-Time 1
Dead-Time 0
PSC Cycle
OCRnRB
OCRnSB
OCRnRA
OCRnSA
PSC Counter
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com