Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 134 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 134 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 130Page - ATMEL Corporation AT90PWM2 Datasheet HTML 131Page - ATMEL Corporation AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 365 page
background image
134
AT90PWM2/3
4317A-3–AVR–02/05
PSC2 distinctive feature
Figure 56. PSC2 versus PSC1&PSC0 Block Diagram
Note:
n = 2
PSC2 has two supplementary outputs PSCOUT22 and PSCOUT23. Thanks to a first
selector PSCOUT22 can duplicate PSCOUT20 or PSCOUT21. Thanks to a second
selector PSCOUT23 can duplicate PSCOUT20 or PSCOUT21.
The Output Matrix is a kind of 2*2 look up table which gives the possibility to program
the output values according to a PSC sequence (See “Output Matrix” on page 163 )
Output Polarity
The polarity “active high” or “active low” of the PSC outputs is programmable. All the tim-
ing diagrams in the following examples are given in the “active high” polarity.
OCRnRB
OCRnSB
OCRnRA
=
=
=
PSC Counter
Waveform
Generator B
PSC Input
Module B
PSC Input
Module A
PSCOUTn1
PCTLn
PFRCnA
PSOCn
( From Analog
Comparator n Ouput )
OCRnSA
=
PCNFn
PFRCnB
POM2(PSC2 only)
PICRn
Waveform
Generator A
PSCOUTn0
PSCINn
Part A
Part B
PSCOUTn2
PSCOUTn3
PISELnB
PISELnA
PSCn Input B
PSCn Input A
POS23
POS22
Output
Matrix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com