Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 136 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 136 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 365 page
background image
136
AT90PWM2/3
4317A-3–AVR–02/05
Note:
1. See Figure 92 on page 165
Table 53. Block Inputs
Output Description
Table 54. Block Outputs
Table 55. Internal Outputs
Note:
1. See Figure 92 on page 165
2. See “Analog Synchronization” on page 164
CLK PLL
Clock Input from PLL
Signal
SYnIn
Synchronization In (from adjacent PSC)
(1)
Signal
StopIn
Stop Input (for synchronized mode)
Signal
Name
Description
Type/
Width
PSCINn
Input 0 used for Retrigger or Fault functions
Signal
from A C
Input 1 used for Retrigger or Fault functions
Signal
Name
Description
Type/
Width
Name
Description
Type/
Width
PSCOUTn0
PSC n Output 0 (from part A of PSC)
Signal
PSCOUTn1
PSC n Output 1 (from part B of PSC)
Signal
PSCOUTn2
(PSC2 only)
PSC n Output 2 (from part A or part B of PSC)
Signal
PSCOUTn3
(PSC2 only)
PSC n Output 3 (from part A or part B of PSC)
Signal
Name
Description
Type/
Width
SYnOut
Synchronization Output
(1)
Signal
PICRn
[11:0]
PSC n Input Capture Register
Counter value at retriggering event
Register
12 bits
IRQPSCn
PSC Interrupt Request : three souces, overflow, fault,
and input capture
Signal
PSCnASY
ADC Synchronization (+ Amplifier Syncho. )
(2)
Signal
StopOut
Stop Output (for synchronized mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com