Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 129Page - ATMEL Corporation AT90PWM2 Datasheet HTML 130Page - ATMEL Corporation AT90PWM2 Datasheet HTML 131Page - ATMEL Corporation AT90PWM2 Datasheet HTML 132Page - ATMEL Corporation AT90PWM2 Datasheet HTML 133Page - ATMEL Corporation AT90PWM2 Datasheet HTML 134Page - ATMEL Corporation AT90PWM2 Datasheet HTML 135Page - ATMEL Corporation AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 365 page
background image
133
AT90PWM2/3
4317A-3–AVR–02/05
PSC Description
Figure 55. Power Stage Controller 0 or 1 Block Diagram
Note:
n = 0, 1
The principle of the PSC is based on the use of a counter (PSC counter). This counter is
able to count up and count down from and to values stored in registers according to the
selected running mode.
The PSC is seen as two symetrical entities. One part named part A which generates the
output PSCOUTn0 and the second one named part B which generates the PSCOUTn1
output.
Each part A or B has its own PSC Input Module to manage selected input.
OCRnRB
OCRnSB
OCRnRA
=
=
=
PSC Counter
Waveform
Generator B
PSC Input
Module B
PSC Input
Module A
PSCOUTn1
PCTLn
PFRCnA
PSOCn
( From Analog
Comparator n Ouput )
OCRnSA
=
PCNFn
PFRCnB
POM2(PSC2 only)
PICRn
Waveform
Generator A
PSCOUTn0
PSCINn
Part A
Part B
PISELnB
PISELnA
PSCn Input B
PSCn Input A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com