Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 140 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 136Page - ATMEL Corporation AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 365 page
background image
140
AT90PWM2/3
4317A-3–AVR–02/05
One Ramp Mode
In One Ramp mode, PSCOUTn0 and PSCOUTn1 outputs can overlap each other.
Figure 62. PSCn0 & PSCn1 Basic Waveforms in One Ramp mode
On-Time 0 = (OCRnRAH/L - OCRnSAH/L) * 1/Fclkpsc
On-Time 1 = (OCRnRBH/L - OCRnSBH/L) * 1/Fclkpsc
Dead-Time 0 = (OCRnSAH/L + 1) * 1/Fclkpsc
Dead-Time 1 = (OCRnSBH/L - OCRnRAH/L) * 1/Fclkpsc
Note:
Minimal value for Dead-Time 0 = 1/Fclkpsc
On-Time 0
On-Time 1
PSCOUTn0
PSCOUTn1
Dead-Time 1
Dead-Time 0
PSC Cycle
OCRnRB
OCRnSB
OCRnRA
OCRnSA
PSC Counter
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com