Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 141 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 141 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 137Page - ATMEL Corporation AT90PWM2 Datasheet HTML 138Page - ATMEL Corporation AT90PWM2 Datasheet HTML 139Page - ATMEL Corporation AT90PWM2 Datasheet HTML 140Page - ATMEL Corporation AT90PWM2 Datasheet HTML 141Page - ATMEL Corporation AT90PWM2 Datasheet HTML 142Page - ATMEL Corporation AT90PWM2 Datasheet HTML 143Page - ATMEL Corporation AT90PWM2 Datasheet HTML 144Page - ATMEL Corporation AT90PWM2 Datasheet HTML 145Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 365 page
background image
141
AT90PWM2/3
4317A-3–AVR–02/05
Center Aligned Mode
In center aligned mode, the center of PSCn00 and PSCn01 signals are centered.
Figure 63. PSCn0 & PSCn1 Basic Waveforms in Center Aligned Mode
On-Time 0 = 2 * OCRnSAH/L * 1/Fclkpsc
On-Time 1 = 2 * (OCRnRBH/L - OCRnSBH/L + 1) * 1/Fclkpsc
Dead-Time = (OCRnSBH/L - OCRnSAH/L) * 1/Fclkpsc
PSC Cycle = 2 * (OCRnRBH/L + 1) * 1/Fclkpsc
Note:
Minimal value for PSC Cycle = 2 * 1/Fclkpsc
OCRnRAH/L is not used to control PSC Output waveform timing. Nevertheless, it can
be useful to adjust ADC synchronization (See “Analog Synchronization” on page 164 ).
Figure 64. Run and Stop Mechanism in Centered Mode
Note:
See “PSC 0 Control Register – PCTL0” on page 173 (or PCTL1 or PCTL2)
On-Time 1
On-Time 0
PSCOUTn0
PSCOUTn1
PSC Cycle
Dead-Time
On-Time 1
Dead-Time
PSC Counter
OCRnRB
OCRnSA
OCRnSB
0
PSCOUTn0
PSCOUTn1
PSC Counter
OCRnRB
OCRnSA
OCRnSB
0
Run



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com