Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 222 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 222 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 218Page - ATMEL Corporation AT90PWM2 Datasheet HTML 219Page - ATMEL Corporation AT90PWM2 Datasheet HTML 220Page - ATMEL Corporation AT90PWM2 Datasheet HTML 221Page - ATMEL Corporation AT90PWM2 Datasheet HTML 222Page - ATMEL Corporation AT90PWM2 Datasheet HTML 223Page - ATMEL Corporation AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 365 page
background image
222
AT90PWM2/3
4317B–AVR–02/05
The EUSART is actived with the EUSART bit of EUCSRB register. Until this bit is not
set, the USART will behave as standard USART, all the functionnalities of the EUSART
are not accessible.
The EUSART supports more serial frame formats than the standard USART interface:
•
Asynchonous frames
–
Standard bit level encoded
–
Manchester bit encoded
•
Synchronous frames
–
In this mode only the Standard bit level encoded is available
Serial Frames
A serial frame is defined to be one character of data bits with synchronization bits (start
and stop bits), and optionally a parity bit for error checking.
Frame Formats
The EUSART allows to receive and transmit serial frame with the following format:
•
1 start bit
•
5, 6, 7, 8, 9, 13, 14,15,16,17 data bits
•
data bits and start bit level encoded or Manchester encoded
•
data transmition MSB or LSB first (bit ordering)
•
no, even or odd parity bit
•
1 or 2 stop bits:
–
Stop bits insertion for transmition
–
Stop bits value read access in reception
The frame format used by the EUSART can be configured through the following
USART/EUSART registers:
•
UTxS3:0 and URxS3:0 (EUCSRA of EUSART register) select the number of data
bits per frame
•
UPM1:0 bits enable and set the type of parity bit (when configured in Manchester
mode, the parity should be fixed to none).
USBS (UCSRC register of USART) and EUSBS (EUCSRB register of EUSART) select
the number of stop bits to be processed respectively by the transmiter and the receiver.
The receiver stores the two stop bit values when configured in Manchester mode. When
configured in level encoded mode, the second stop bit is ignored (behavior similar as
the USART).
Parity Bit Calculation
The parity bit behavior is similar to the USART mode, except for the Manchester
encoded mode, where no parity bit can be inserted or detected (should be configured to
none with the UPM1:0 bits. The parity bit is calculated by doing an exclusive-or of all the
data bits. If odd parity is used, the result of the exclusive or is inverted. The relation
between the parity bit and data bits is as follows:
P
even
Parity bit using even parity
P
odd
Parity bit using odd parity
d
n
Data bit n of the character
If used, the parity bit is located between the last data bit and first stop bit of a serial
frame.
P
even
d
n
1
–
… d
3
d2
d1
d0
0
P
odd
⊕
⊕
⊕⊕
⊕⊕
d
n
1
–
… d
3
d2
d1
d0
1
⊕
⊕
⊕⊕
⊕⊕
=
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com