Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 224 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 224 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 220Page - ATMEL Corporation AT90PWM2 Datasheet HTML 221Page - ATMEL Corporation AT90PWM2 Datasheet HTML 222Page - ATMEL Corporation AT90PWM2 Datasheet HTML 223Page - ATMEL Corporation AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 365 page
background image
224
AT90PWM2/3
4317B–AVR–02/05
Manchester decoder
When configured in Manchester mode, the EUSART receiver is able to receive serial
frame using a 17-bit shift register, an edge detector and several data/control registers.
The Manchester decoder receives a frame from the RxD pin of the EUSART interface
and loads the received data in the EUSART data register (UDR and EUDR).
The bit order of the data bits in the frame is configurable to handle MSB or LSB first.
The polarity of the bi-phase start is not configurable. The start bit a logical ‘1’ (rising
edge at bit center).
The polarity of the stop bits is not configurable, the interface allows to read the 2 stops
bits value by software.
The Manchester decoder is enable when the EUSART is configured in Manchester
mode and the RXEN of USCRB set (global USART receive enable).
The number of data bits to be received can be configured with the URxS bits of
EUSCRA register.
The Manchester decoder provides a special mode where 16 or 17 data bits can be
received. In this mode the Manchester decoder can automatically detects if the seven-
teenth bit is Manchester encoded or not (seventeenth data bit or first stop bit). If the
receiver detects a valid data bit (Manchester transition) during the seventeenth bit time
of the frame, the receiver will process the frame as a 17-bit frame lenght and set the
F1617 bit of EUSCRC register.
In Manchester mode, the clock used for sampling the EUSART input signal is pro-
grammed by the baudrate generator.
The Manchester decoder performs an autoadaptative synchronization with the received
data.
The edge detector of the Manchester decoder is based upon a 16 bits up/down counter
which maximum value can be configured through the MUBRRH and MUBRRL registers.
Typically the maximum counter value is given by the following formula:
MUBRR[H:L]=F
CLKIO / (2*baud rate frequency)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com