Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 227 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 227 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 223Page - ATMEL Corporation AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation AT90PWM2 Datasheet HTML 229Page - ATMEL Corporation AT90PWM2 Datasheet HTML 230Page - ATMEL Corporation AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 365 page
background image
227
AT90PWM2/3
4317B–AVR–02/05
Configuring the EUSART
Data Transmission – EUSART Transmitter
The EUSART Transmitter is enabled in the same way as standard USART, by setting
the Transmit Enable (TXEN) bit in the UCSRB Register. When the Transmitter is
enabled, the normal port operation of the TxDn pin is overridden by the EUSART and
given the function as the Transmitter’s serial output. The baud rate, mode of operation
and frame format must be set up once before doing any transmissions. If synchronous
operation is used, the clock on the XCK pin will be overridden and used as transmission
clock.
Sending Frames with 5 to 8
Data Bit
In this mode the behavior is the same as the standard USART (See “Sending Frames
with 5 to 8 Data Bit” in USART section).
Sending Frames with 9, 13, 14,
15 or 16 Data Bit
In these configurations the most significant bits (9, 13, 14, 15 or 16) should be loaded in
the EUDR register before the low byte of the character is written to UDR. The write oper-
ation in the UDR register allows to start the transmission.
Note:
The example code assumes that the part specific header file is included.
For I/O Registers located in extended I/O map, “IN”, “OUT”, “SBIS”, “SBIC”, “CBI”, and
“SBI” instructions must be replaced with instructions that allow access to extended I/O.
Typically “LDS” and “STS” combined with “SBRS”, “SBRC”, “SBR”, and “CBR”.
Assembly Code Example(1)
EUSART_Transmit:
; Wait for empty transmit buffer
sbis
UCSRA,UDRE
rjmp
EUSART_Transmit
; Put LSB data (r16) and MSN data (r15) into buffer, sends the
data
out
EUDR,r15
out
UDR,r16
ret
C Code Example(1)
void
EUSART_Transmit( unsigned int data )
{
/* Wait for empty transmit buffer */
while
( !( UCSRA & (1<<UDRE))) )
/* Put data into buffer, sends the data */
EUDR = data>>8;
UDR = data;
}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com