Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 231 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 231 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation AT90PWM2 Datasheet HTML 229Page - ATMEL Corporation AT90PWM2 Datasheet HTML 230Page - ATMEL Corporation AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation AT90PWM2 Datasheet HTML 232Page - ATMEL Corporation AT90PWM2 Datasheet HTML 233Page - ATMEL Corporation AT90PWM2 Datasheet HTML 234Page - ATMEL Corporation AT90PWM2 Datasheet HTML 235Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 365 page
background image
231
AT90PWM2/3
4317B–AVR–02/05
UDR/EUDR data access from
13 to 17 bits per character
When the EUSART is used in 13, 14, 15, 16 or 17 bits per character mode, the
EUDR/UDR registers are used in combinaison with the RxB8/TxB8 bit for data access.
For 13, 14, 15 or 16 bit character the upper unused bits in EUDR will be ignored by the
Transmitter and set to zero by the Receiver. In transmitter mode, the data should be
written MSB first. The data transmission starts when the UDR register is written.
In these modes, the RxB8/TxB8 registers are not used.
Figure 112. 13, 14, 15 and 16 bits communication data access
For 17 bit character the seventeenth bit is locate in RxB8 or TXB8 register. In transmitter
mode, the data should be written MSB first. The data transmission starts when the UDR
register is written.
Figure 113. 17 bits communication data access
EUSART Control and Status
Register A – EUCSRA
• Bit 7:4 – EUSART Transmit Character Size
8
15
7
0
Data 15:0
UDR
EUDR
8
15
16
7
0
Data 16:0
UDR
EUDR
RxB8 (receive)
or TxB8 (transmit)
Bit
765
432
10
UTxS3
UTxS2
UTxS1
UTxS0
UTxS3
URxS2
URxS1
URxS0
EUCSRA
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
001
100
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com