Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 234 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 234 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 230Page - ATMEL Corporation AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation AT90PWM2 Datasheet HTML 232Page - ATMEL Corporation AT90PWM2 Datasheet HTML 233Page - ATMEL Corporation AT90PWM2 Datasheet HTML 234Page - ATMEL Corporation AT90PWM2 Datasheet HTML 235Page - ATMEL Corporation AT90PWM2 Datasheet HTML 236Page - ATMEL Corporation AT90PWM2 Datasheet HTML 237Page - ATMEL Corporation AT90PWM2 Datasheet HTML 238Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 365 page
background image
234
AT90PWM2/3
4317B–AVR–02/05
As in Manchester mode the parity checker and generator are unavailable, the parity
should be configured to none ( write UPM1:0 to 00 in UCSRC), see Table 79.
• Bit 0 –Bit Order
This bit allows to change the bit ordering in the transmit and received frames.
Clear to transmit and receive LSB first (standard USART mode)
Set to transmit and receive MSB first.
EUSART Status Register C –
EUCSRC
• Bit 7:4 –Reserved Bits
These bits are reserved for future use. For compatibilty with future devices, these bits
must be written to zero when EUSCRC is written.
• Bit 3 –Frame Error Manchester
This bit is set by hardware when a framing error is detected in manchester mode. This
bit is valid when the RxC bit is set and until the receive buffer (UDR) is read.
• Bit 2 –F1617
When the receiver is configured for 16 or 17 bits in Manchester encoded mode, this bit
indicates if the received frame is 16 or 17 bits lenght.
Cleared: indicates that the received frame is 16 bits lenght.
Set: Indicates that the received frame is 17 bits lenght.
This bit is valid when the RxC bit is set and until the receive buffer (UDR) is read.
• Bit 1:0 –Stop bits values
When Manchester mode is activated, these bits contains the stop bits value of the previ-
ous received frame.
When the data bits in the serial frame are standard level encoded, these bits are not
updated.
Manchester receiver Baud
Rate Registers – MUBRRL and
MUBRRH
0
1
1
Asynchronous up to 17 bits Manchester encoded
1
0
1
Synchronous up to 17 bits level encoded
11
1
Reserved
Table 90. USART/EUSART modes selection summary
UMSEL
EMCH
EUSART
Mode
Bit
765
432
10
-
---
FEM
F1617
STP1
STP0
EUCSRC
Read/Write
RR
RRR
RRR
Initial Value
000
000
00
Bit
1514
13
1211
10
9
8
MUBRR[15:8]
MUBRRH
MUBRR[7:0]
MUBRRL
765
432
10
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00
000
000
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com