Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 238 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 238 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 234Page - ATMEL Corporation AT90PWM2 Datasheet HTML 235Page - ATMEL Corporation AT90PWM2 Datasheet HTML 236Page - ATMEL Corporation AT90PWM2 Datasheet HTML 237Page - ATMEL Corporation AT90PWM2 Datasheet HTML 238Page - ATMEL Corporation AT90PWM2 Datasheet HTML 239Page - ATMEL Corporation AT90PWM2 Datasheet HTML 240Page - ATMEL Corporation AT90PWM2 Datasheet HTML 241Page - ATMEL Corporation AT90PWM2 Datasheet HTML 242Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 365 page
background image
238
AT90PWM2/3
4317B–AVR–02/05
These 2 bits determine the sensitivity of the interrupt trigger.
The different setting are shown in Table 92.
• Bit 2, 1, 0– AC0M2, AC0M1, AC0M0: Analog Comparator 0 Multiplexer register
These 3 bits determine the input of the negative input of the analog comparator.
The different setting are shown in Table 93.
Analog Comparator 1Control
Register – AC1CON
• Bit 7– AC1EN: Analog Comparator 1 Enable Bit
Set this bit to enable the analog comparator 1.
Clear this bit to disable the analog comparator 1.
• Bit 6– AC1IE: Analog Comparator 1 Interrupt Enable bit
Set this bit to enable the analog comparator 1 interrupt.
Clear this bit to disable the analog comparator 1 interrupt.
• Bit 5, 4– AC1IS1, AC1IS0: Analog Comparator 1 Interrupt Select bit
Table 92. Interrupt sensitivity selection
AC0IS1
AC0IS0
Description
0
0
Comparator Interrupt on output toggle
01
Reserved
1
0
Comparator interrupt on output falling edge
1
1
Comparator interrupt on output rising edge
Table 93. Analog Comparator 0 negative input selection
AC0M2
AC0M1
AC0M0
Description
0
0
0
“Vref”/6.40
0
0
1
“Vref”/3.20
0
1
0
“Vref”/2.13
0
1
1
“Vref”/1.60
1
0
0
Analog Comparator Negative Input (ACMPM pin)
10
1
DAC result
1
1
0
Reserved
1
1
1
Reserved
Bit
7
65
43
21
0
AC1EN
AC1IE
AC1IS1
AC1IS0
AC1ICE
AC1M2
AC1M1
AC1M0
AC1CON
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com