Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 240 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 240 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 236Page - ATMEL Corporation AT90PWM2 Datasheet HTML 237Page - ATMEL Corporation AT90PWM2 Datasheet HTML 238Page - ATMEL Corporation AT90PWM2 Datasheet HTML 239Page - ATMEL Corporation AT90PWM2 Datasheet HTML 240Page - ATMEL Corporation AT90PWM2 Datasheet HTML 241Page - ATMEL Corporation AT90PWM2 Datasheet HTML 242Page - ATMEL Corporation AT90PWM2 Datasheet HTML 243Page - ATMEL Corporation AT90PWM2 Datasheet HTML 244Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 240 / 365 page
background image
240
AT90PWM2/3
4317B–AVR–02/05
• Bit 6– AC2IE: Analog Comparator 2 Interrupt Enable bit
Set this bit to enable the analog comparator 2 interrupt.
Clear this bit to disable the analog comparator 2 interrupt.
• Bit 5, 4– AC2IS1, AC2IS0: Analog Comparator 2 Interrupt Select bit
These 2 bits determine the sensitivity of the interrupt trigger.
The different setting are shown in Table 92.
• Bit 2, 1, 0– AC2M2, AC2M1, AC2M0: Analog Comparator 2 Multiplexer register
These 3 bits determine the input of the negative input of the analog comparator.
The different setting are shown in Table 97.
Analog Comparator Status
Register – ACSR
• Bit 7– ACCKDIV: Analog Comparator Clock Divider
The analog comparators can work with a clock up to 8MHz.
Set this bit in case the clock frequency of the microcontroller is higher than 8 MHz to
insert a divider by 2 between the clock of the microcontroller and the clock of the analog
comparators.
Clear this bit to have the same clock frequency for the microcontroller and the analog
comparators.
• Bit 6– AC2IF: Analog Comparator 2 Interrupt Flag Bit
This bit is set by hardware when comparator 2 output event triggers off the interrupt
mode defined by AC2IS1 and AC2IS0 bits in AC2CON register.
This bit is cleared by hardware when the corresponding interrupt vector is executed in
Table 96. Interrupt sensitivity selection
AC2IS1
AC2IS0
Description
0
0
Comparator Interrupt on output toggle
01
Reserved
1
0
Comparator interrupt on output falling edge
1
1
Comparator interrupt on output rising edge
Table 97. Analog Comparator 2 negative input selection
AC2M2
AC2M1
AC2M0
Description
0
0
0
“Vref”/6.40
0
0
1
“Vref”/3.20
0
1
0
“Vref”/2.13
0
1
1
“Vref”/1.60
1
0
0
Analog Comparator Negative Input (ACMPM pin)
10
1
DAC result
1
1
0
Reserved
1
1
1
Reserved
Bit
7
65
43
21
0
ACCKDIV
AC2IF
AC1IF
AC0IF
-
AC2O
AC1O
AC0O
ACSR
Read/Write
R
R
R
R
-
R
R
R
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com