Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 237 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 237 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 233Page - ATMEL Corporation AT90PWM2 Datasheet HTML 234Page - ATMEL Corporation AT90PWM2 Datasheet HTML 235Page - ATMEL Corporation AT90PWM2 Datasheet HTML 236Page - ATMEL Corporation AT90PWM2 Datasheet HTML 237Page - ATMEL Corporation AT90PWM2 Datasheet HTML 238Page - ATMEL Corporation AT90PWM2 Datasheet HTML 239Page - ATMEL Corporation AT90PWM2 Datasheet HTML 240Page - ATMEL Corporation AT90PWM2 Datasheet HTML 241Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 365 page
background image
237
AT90PWM2/3
4317B–AVR–02/05
Figure 114. Analog Comparator Block Diagram(1)(2)
Notes:
1. ADC multiplexer output: see Table 101 on page 257.
2. Refer to Figure 1 on page 3 and for Analog Comparator pin placement.
3. The voltage on Vref is defined in Table 100.ADC Voltage Reference Selection257
Analog Comparator
Register Description
Each analog comparator has its own control register.
A dedicated register has been designed to consign the outputs and the flags of the 3
analog comparators.
Analog Comparator 0 Control
Register – AC0CON
• Bit 7– AC0EN: Analog Comparator 0 Enable Bit
Set this bit to enable the analog comparator 0.
Clear this bit to disable the analog comparator 0.
• Bit 6– AC0IE: Analog Comparator 0 Interrupt Enable bit
Set this bit to enable the analog comparator 0 interrupt.
Clear this bit to disable the analog comparator 0 interrupt.
• Bit 5, 4– AC0IS1, AC0IS0: Analog Comparator 0 Interrupt Select bit
+
-
Interrupt Sensitivity Control
Analog Comparator 0 Interrupt
AC0IE
AC0IF
AC0O
AC0IS1
AC0IS0
+
-
Interrupt Sensitivity Control
Analog Comparator 1 Interrupt
AC1IE
T1 Capture Trigger
AC1ICE
AC1IF
AC1O
AC1IS1
AC1IS0
+
-
Interrupt Sensitivity Control
Analog Comparator 2 Interrupt
AC0IE
AC2IF
AC2O
AC2IS1
AC2IS0
ACMP0
ACMP1
ACMP2
AC2EN
/3.20
/2.13
/1.60
/6.40
ACMPM
Vref
DAC
AC0M
2 1 0
DAC
Result
AC1EN
AC0EN
AC1M
2 1 0
AC2M
2 1 0
Internal 2.56V
Reference
REFS0
REFS1
Aref
AVcc
DACEN
CLK I/O
CLK I/O
CLK I/O (/2)
(/2)
(/2)
Bit
7
65
43
21
0
AC0EN
AC0IE
AC0IS1
AC0IS0
-
AC0M2
AC0M1
AC0M0
AC0CON
Read/Write
R/W
R/W
R/W
R/W
-
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com