Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 235 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 235 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation AT90PWM2 Datasheet HTML 232Page - ATMEL Corporation AT90PWM2 Datasheet HTML 233Page - ATMEL Corporation AT90PWM2 Datasheet HTML 234Page - ATMEL Corporation AT90PWM2 Datasheet HTML 235Page - ATMEL Corporation AT90PWM2 Datasheet HTML 236Page - ATMEL Corporation AT90PWM2 Datasheet HTML 237Page - ATMEL Corporation AT90PWM2 Datasheet HTML 238Page - ATMEL Corporation AT90PWM2 Datasheet HTML 239Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 365 page
background image
235
AT90PWM2/3
4317B–AVR–02/05
• Bit 15:0 – MUBRR15:0: Manchester Receiver Baud Rate Register
This is a 16-bit register which contains the maximum value for the Machester receiver
counter. The MUBRRH contains the eight most significant bits, and the MUBRRL con-
tains the eight least significant bits. Ongoing transmissions by the Receiver will be
corrupted if the baud rate is changed.
MUBRR[H:L]=F
CLKIO / (2*baud rate frequency)
Table 91. Examples of MUBRR Settings for Commonly Frequencies
Baud Rate
(bps)
fclk
io =
1 MHz
fclk
io =
1.8432
MHz
fclk
io =
2.0000
MHz
fclk
io =
3.6864MH
z
fclk
io =
4.000 MHz
fclk
io =
7.3728
MHz
fclk
io =
8.0000
MHz
fclk
io =
11.0592
MHz
fclk
io =
14.7456
MHz
fclk
io =
16.000
MHz
1200
416
768
832
1536
1664
3072
3328
4608
6144
6656
2400
208
384
416
768
832
1536
1664
2304
3072
3328
4800
104
192
208
384
416
768
832
1152
1536
1664
9600
52
96
104
192
208
384
416
576
768
832
14.4k
35
64
63
128
127
256
254
384
512
507
19.2k
26
48
52
96
104
192
208
288
384
416
28.8k
17
32356470
128
139
192
256
278
38.4k
13
24
26
48
52
96
104
144
192
208
57.6k
9
16
17
32
35
64
70
96
128
139
76.8k
6
12132426
485272
96
104
115.2k
4
8
9
16
17
28
35
48
64
70
230.4k
4489
16
17
24
32
35
250k
8
16
22
30
32
500k
4
8
11
15
16
1M
4
588



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com