Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 236 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 236 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 232Page - ATMEL Corporation AT90PWM2 Datasheet HTML 233Page - ATMEL Corporation AT90PWM2 Datasheet HTML 234Page - ATMEL Corporation AT90PWM2 Datasheet HTML 235Page - ATMEL Corporation AT90PWM2 Datasheet HTML 236Page - ATMEL Corporation AT90PWM2 Datasheet HTML 237Page - ATMEL Corporation AT90PWM2 Datasheet HTML 238Page - ATMEL Corporation AT90PWM2 Datasheet HTML 239Page - ATMEL Corporation AT90PWM2 Datasheet HTML 240Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 365 page
background image
236
AT90PWM2/3
4317B–AVR–02/05
Analog Comparator
The Analog Comparator compares the input values on the positive pin ACMPx and neg-
ative pin ACMPM.
Overview
The AT90PWM2/3 features three fast analog comparators.
Each comparator has a dedicated input on the positive input, and the negative input can
be configured as:
•
a steady value among the 4 internal reference levels defined by the Vref selected
thanks to the REFS1:0 bits in ADMUX register.
•
a value generated from the internal DAC
•
an external analog input ACMPM.
When the voltage on the positive ACMPn pin is higher than the voltage selected by the
ACnM multiplexer on the negative input, the Analog Comparator output, ACnO, is set.
The comparator is a clocked comparator. A new comparison is done on the falling edge
of CLK
I/O or CLKI/O/2 ( Depending on ACCKDIV fit of ACSR register, See “Analog Com-
parator Status Register – ACSR” on page 240.).
Each comparator can trigger a separate interrupt, exclusive to the Analog Comparator.
In addition, the user can select Interrupt triggering on comparator output rise, fall or
toggle.
The interrupt flags can also be used to synchronize ADC or DAC conversions.
Moreover, the comparator’s output of the comparator 1 can be set to trigger the
Timer/Counter1 Input Capture function.
A block diagram of the three comparators and their surrounding logic is shown in Figure
114.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com