Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 243 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 243 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 239Page - ATMEL Corporation AT90PWM2 Datasheet HTML 240Page - ATMEL Corporation AT90PWM2 Datasheet HTML 241Page - ATMEL Corporation AT90PWM2 Datasheet HTML 242Page - ATMEL Corporation AT90PWM2 Datasheet HTML 243Page - ATMEL Corporation AT90PWM2 Datasheet HTML 244Page - ATMEL Corporation AT90PWM2 Datasheet HTML 245Page - ATMEL Corporation AT90PWM2 Datasheet HTML 246Page - ATMEL Corporation AT90PWM2 Datasheet HTML 247Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 365 page
background image
243
AT90PWM2/3
4317B–AVR–02/05
Analog to Digital Converter - ADC
Features
• 10-bit Resolution
• 0.5 LSB Integral Non-linearity
• ± 2 LSB Absolute Accuracy
• 8- 250 µs Conversion Time
• Up to 120 kSPS at Maximum Resolution
• 11 Multiplexed Single Ended Input Channels
• Two Differential input channels with accurate (5%) programmable gain 5, 10, 20 and 40
• Optional Left Adjustment for ADC Result Readout
• 0 - V
CC ADC Input Voltage Range
• Selectable 2.56 V ADC Reference Voltage
• Free Running or Single Conversion Mode
• ADC Start Conversion by Auto Triggering on Interrupt Sources
• Interrupt on ADC Conversion Complete
• Sleep Mode Noise Canceler
The AT90PWM2/3 features a 10-bit successive approximation ADC. The ADC is con-
nected to an 15-channel Analog Multiplexer which allows eleven single-ended input.
The single-ended voltage inputs refer to 0V (GND).
The device also supports 2 differential voltage input combinations which are equipped
with a programmable gain stage, providing amplification steps of 14dB (5x), 20 dB (10x),
26 dB (20x), or 32dB (40x) on the differential input voltage before the A/D conversion.
On the amplified channels, 8-bit resolution can be expected.
The ADC contains a Sample and Hold circuit which ensures that the input voltage to the
ADC is held at a constant level during conversion. A block diagram of the ADC is shown
in Figure 115.
The ADC has a separate analog supply voltage pin, AV
CC. AVCC must not differ more
than ± 0.3V from V
CC. See the paragraph “ADC Noise Canceler” on page 250 on how to
connect this pin.
Internal reference voltages of nominally 2.56V or AV
CC are provided On-chip. The volt-
age reference may be externally decoupled at the AREF pin by a capacitor for better
noise performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com