Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 230 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 230 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation AT90PWM2 Datasheet HTML 229Page - ATMEL Corporation AT90PWM2 Datasheet HTML 230Page - ATMEL Corporation AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation AT90PWM2 Datasheet HTML 232Page - ATMEL Corporation AT90PWM2 Datasheet HTML 233Page - ATMEL Corporation AT90PWM2 Datasheet HTML 234Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 365 page
background image
230
AT90PWM2/3
4317B–AVR–02/05
Parity Checker
The parity checker of the EUSART is available only when data bits are level encoded
and behaves as is USART mode (See Parity checker of the USART).
OverRun
The Data OverRun (DOR bit of USCRA) flag indicates data loss due to a receiver buffer
full condition. This flag operates as in USART mode (See USART section).
EUSART Registers
Description
USART I/O Data Register –
UDR
• Bit 7:0 – RxB7:0: Receive Data Buffer (read access)
• Bit 7:0 – TxB7:0: Transmit Data Buffer (write access)
This register is common to the USART and EUSART interfaces for Transmit Data Buffer
Register and Receive Data Buffer Register. See description for UDR register in USART.
EUSART I/O Data Register –
EUDR
• Bit 7:0 – RxB15:8: Receive Data Buffer (read access)
• Bit 7:0 – TxB15:8: Transmit Data Buffer (write access)
This register provide an extension to the UDR register when EUSART is used with more
than 8 bits.
UDR/EUDR data access with
character size up to 8 bits
When the EUSART is used with 8 or less bits, only the UDR register is used for dta
access.
UDR/EUDR data access with 9
bits per character
When the EUSART is used with 9 bits character, the behavior is different of the standart
USART mode, the UDR register is used in combinaison with the first bit of EUDR
(EUDR:0) for data access, the RxB8/TxB8 bit is not used.
Figure 111. 9 bits communication data access
Bit
7
65432
1
0
RXB[7:0]
UDR (Read)
TXB[7:0]
UDR (Write)
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Bit
7
65432
1
0
RXB[15:8]
EUDR (Read)
TXB[15:8]
EUDR (Write)
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
87
0
Data 8:0
UDR
EUDR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com