Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 228 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 228 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 224Page - ATMEL Corporation AT90PWM2 Datasheet HTML 225Page - ATMEL Corporation AT90PWM2 Datasheet HTML 226Page - ATMEL Corporation AT90PWM2 Datasheet HTML 227Page - ATMEL Corporation AT90PWM2 Datasheet HTML 228Page - ATMEL Corporation AT90PWM2 Datasheet HTML 229Page - ATMEL Corporation AT90PWM2 Datasheet HTML 230Page - ATMEL Corporation AT90PWM2 Datasheet HTML 231Page - ATMEL Corporation AT90PWM2 Datasheet HTML 232Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 365 page
background image
228
AT90PWM2/3
4317B–AVR–02/05
Sending 17 Data Bit Frames
In this configuration the seventeenth bit shoud be loaded in the RXB8 bit register, the
rest of the most significant bits (9, 10, 11, 12, 13, 14, 15 and 16) should be loaded in the
EUDR register, before the low byte of the character is written to UDR.
Transmitter Flags and
Interrupts
The behavior of the EUSART is the same as in USART mode (See “Receive Complete
Flag and Interrupt”).
The interrupts generation and handling for transmission in EUSART mode are the same
as in USART mode.
Disabling the Transmitter
The disabling of the Transmitter (setting the TXEN to zero) will not become effective
until ongoing and pending transmissions are completed, i.e., when the Transmit Shift
Register and Transmit Buffer Register do not contain data to be transmitted.
Data Reception – EUSART Receiver
Data Reception –
EUSART Receiver
The EUSART Receiver is enabled by writing the Receive Enable (RXEN) bit in the
UCSRB Register to one (same as USART). When the Receiver is enabled, the normal
pin operation of the RxD pin is overridden by the EUSART and given the function as the
Receiver’s serial input. The baud rate, mode of operation and frame format must be set
up once before any serial reception can be done. If synchronous operation is used, the
clock on the XCK pin will be used as transfer clock.
Receiving Frames with 5 to 8
Data Bits
In this mode the behavior is the same as the standard USART (See “Receiving Frames
with 5 to 8 Data Bits” in USART section).
Receiving Frames with 9, 13,
14, 15 or 16 Data Bits
In these configurations the most significant bits (9, 13, 14, 15 or 16) should be read in
the EUDR register before reading the of the character in the UDR register.
Read status from EUCSRC, then data from UDR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com