Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 289 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 289 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 285Page - ATMEL Corporation AT90PWM2 Datasheet HTML 286Page - ATMEL Corporation AT90PWM2 Datasheet HTML 287Page - ATMEL Corporation AT90PWM2 Datasheet HTML 288Page - ATMEL Corporation AT90PWM2 Datasheet HTML 289Page - ATMEL Corporation AT90PWM2 Datasheet HTML 290Page - ATMEL Corporation AT90PWM2 Datasheet HTML 291Page - ATMEL Corporation AT90PWM2 Datasheet HTML 292Page - ATMEL Corporation AT90PWM2 Datasheet HTML 293Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 365 page
background image
289
AT90PWM2/3
4317B–AVR–02/05
Fuse Bits
The AT90PWM2/3 has three Fuse bytes. Table 120 - Table 122 describe briefly the
functionality of all the fuses and how they are mapped into the Fuse bytes. Note that the
fuses are read as logical zero, “0”, if they are programmed.
Note:
1. The default value of BOOTSZ1..0 results in maximum Boot Size. See Table 123 on
page 292 for details.
PSC Output Behaviour
During Reset
For external component safety reason, the state of PSC outputs during Reset can be
programmed by fuses PSCRV, PSC0RB, PSC1RB & PSC2RB.
These fuses are located in the Extended Fuse Byte ( see Table 120)
PSCRV gives the state low or high which will be forced on PSC outputs selected by
PSC0RB, PSC1RB & PSC2RB fuses.
If PSCRV fuse equals 0 (programmed), the selected PSC outputs will be forced to low
state. If PSCRV fuse equals 1 (unprogrammed), the selected PSC outputs will be forced
to high state.
If PSC0RB fuse equals 1 (unprogrammed), PSCOUT00 & PSCOUT01 keep a standard
port behaviour. If PSC0RB fuse equals 0 (programmed), PSCOUT00 & PSCOUT01 are
forced at reset to low level or high level according to PSCRV fuse bit. In this second
case, PSCOUT00 & PSCOUT01 keep the forced state until PSOC0 register is written..
If PSC1RB fuse equals 1 (unprogrammed), PSCOUT10 & PSCOUT11 keep a standard
port behaviour. If PSC1RB fuse equals 0 (programmed), PSCOUT10 & PSCOUT11 are
forced at reset to low level or high level according to PSCRV fuse bit. In this second
case, PSCOUT10 & PSCOUT11 keep the forced state until PSOC1 register is written.
If PSC2RB fuse equals 1 (unprogrammed), PSCOUT20, PSCOUT21, PSCOUT22 &
PSCOUT23 keep a standard port behaviour. If PSC1RB fuse equals 0 (programmed),
PSCOUT20, PSCOUT21, PSCOUT22 & PSCOUT23 are forced at reset to low level or
high level according to PSCRV fuse bit. In this second case, PSCOUT20, PSCOUT21,
PSCOUT22 & PSCOUT23 keep the forced state until PSOC2 register is written.
Table 120. Extended Fuse Byte
Extended Fuse Byte
Bit No
Description
Default Value
PSC2RB
7
PSC2 Reset Behaviour
1
PSC1RB
6
PSC1 Reset Behaviour
1
PSC0RB
5
PSC0 Reset Behaviour
1
PSCRV
4
PSCOUT Reset Value
1
–3
–
1
BOOTSZ1
2
Select Boot Size
(see Table 113 for details)
0 (programmed)
(1)
BOOTSZ0
1
Select Boot Size
(see Table 113 for details)
0 (programmed)
(1)
BOOTRST
0
Select Reset Vector
1 (unprogrammed)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com