Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 290 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 290 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 286Page - ATMEL Corporation AT90PWM2 Datasheet HTML 287Page - ATMEL Corporation AT90PWM2 Datasheet HTML 288Page - ATMEL Corporation AT90PWM2 Datasheet HTML 289Page - ATMEL Corporation AT90PWM2 Datasheet HTML 290Page - ATMEL Corporation AT90PWM2 Datasheet HTML 291Page - ATMEL Corporation AT90PWM2 Datasheet HTML 292Page - ATMEL Corporation AT90PWM2 Datasheet HTML 293Page - ATMEL Corporation AT90PWM2 Datasheet HTML 294Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 290 / 365 page
background image
290
AT90PWM2/3
4317B–AVR–02/05
Notes:
1. See “Alternate Functions of Port C” on page 73 for description of RSTDISBL Fuse.
2. The SPIEN Fuse is not accessible in serial programming mode.
3. See “Watchdog Timer Configuration” on page 54 for details.
4. See Table 15 on page 47 for BODLEVEL Fuse decoding.
Note:
1. The default value of SUT1..0 results in maximum start-up time for the default clock
source. See Table 10 on page 36 for details.
2. The default setting of CKSEL3..0 results in internal RC Oscillator @ 8 MHz. See
Table 10 on page 36 for details.
3. The CKOUT Fuse allows the system clock to be output on PORTB0. See “Clock Out-
put Buffer” on page 36 for details.
4. See “System Clock Prescaler” on page 37 for details.
The status of the Fuse bits is not affected by Chip Erase. Note that the Fuse bits are
locked if Lock bit1 (LB1) is programmed. Program the Fuse bits before programming the
Lock bits.
Table 121. Fuse High Byte
High Fuse Byte
Bit No
Description
Default Value
RSTDISBL
(1)
7
External Reset Disable
1 (unprogrammed)
DWEN
6
debugWIRE Enable
1 (unprogrammed)
SPIEN
(2)
5
Enable Serial Program and
Data Downloading
0 (programmed, SPI
programming enabled)
WDTON
(3)
4
Watchdog Timer Always
On
1 (unprogrammed)
EESAVE
3
EEPROM memory is
preserved through the
Chip Erase
1 (unprogrammed),
EEPROM not reserved
BODLEVEL2
(4)
2
Brown-out Detector
trigger level
1 (unprogrammed)
BODLEVEL1
(4)
1
Brown-out Detector
trigger level
1 (unprogrammed)
BODLEVEL0
(4)
0
Brown-out Detector
trigger level
1 (unprogrammed)
Table 122. Fuse Low Byte
Low Fuse Byte
Bit No
Description
Default Value
CKDIV8
(4)
7
Divide clock by 8
0 (programmed)
CKOUT
(3)
6
Clock output
1 (unprogrammed)
SUT1
5
Select start-up time
1 (unprogrammed)
(1)
SUT0
4
Select start-up time
0 (programmed)
(1)
CKSEL3
3
Select Clock source
0 (programmed)
(2)
CKSEL2
2
Select Clock source
0 (programmed)
(2)
CKSEL1
1
Select Clock source
1 (unprogrammed)
(2)
CKSEL0
0
Select Clock source
0 (programmed)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com