Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90PWM2 Datasheet(PDF) 305 Page - ATMEL Corporation

Part # AT90PWM2
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM2 Datasheet(HTML) 305 Page - ATMEL Corporation

Back Button AT90PWM2 Datasheet HTML 301Page - ATMEL Corporation AT90PWM2 Datasheet HTML 302Page - ATMEL Corporation AT90PWM2 Datasheet HTML 303Page - ATMEL Corporation AT90PWM2 Datasheet HTML 304Page - ATMEL Corporation AT90PWM2 Datasheet HTML 305Page - ATMEL Corporation AT90PWM2 Datasheet HTML 306Page - ATMEL Corporation AT90PWM2 Datasheet HTML 307Page - ATMEL Corporation AT90PWM2 Datasheet HTML 308Page - ATMEL Corporation AT90PWM2 Datasheet HTML 309Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 305 / 365 page
background image
305
AT90PWM2/3
4317B–AVR–02/05
Serial Programming
Algorithm
When writing serial data to the AT90PWM2/3, data is clocked on the rising edge of SCK.
When reading data from the AT90PWM2/3, data is clocked on the falling edge of SCK.
See Figure 146 for timing details.
To program and verify the AT90PWM2/3 in the serial programming mode, the following
sequence is recommended (See four byte instruction formats in Table 132):
1.
Power-up sequence:
Apply power between V
CC and GND while RESET and SCK are set to “0”. In
some systems, the programmer can not guarantee that SCK is held low during
power-up. In this case, RESET must be given a positive pulse of at least two
CPU clock cycles duration after SCK has been set to “0”.
2.
Wait for at least 20 ms and enable serial programming by sending the Program-
ming Enable serial instruction to pin MOSI.
3.
The serial programming instructions will not work if the communication is out of
synchronization. When in sync. the second byte (0x53), will echo back when
issuing the third byte of the Programming Enable instruction. Whether the echo
is correct or not, all four bytes of the instruction must be transmitted. If the 0x53
did not echo back, give RESET a positive pulse and issue a new Programming
Enable command.
4.
The Flash is programmed one page at a time. The memory page is loaded one
byte at a time by supplying the 6 LSB of the address and data together with the
Load Program Memory Page instruction. To ensure correct loading of the page,
the data low byte must be loaded before data high byte is applied for a given
address. The Program Memory Page is stored by loading the Write Program
Memory Page instruction with the 8 MSB of the address. If polling is not used,
the user must wait at least t
WD_FLASH before issuing the next page. (See Table
131.) Accessing the serial programming interface before the Flash write opera-
tion completes can result in incorrect programming.
5.
The EEPROM array is programmed one byte at a time by supplying the address
and data together with the appropriate Write instruction. An EEPROM memory
location is first automatically erased before new data is written. If polling is not
used, the user must wait at least t
WD_EEPROM before issuing the next byte. (See
Table 131.) In a chip erased device, no 0xFFs in the data file(s) need to be
programmed.
6.
Any memory location can be verified by using the Read instruction which returns
the content at the selected address at serial output MISO.
7.
At the end of the programming session, RESET can be set high to commence
normal operation.
8.
Power-off sequence (if needed):
Set RESET to “1”.
Turn V
CC power off.
Data Polling Flash
When a page is being programmed into the Flash, reading an address location within
the page being programmed will give the value 0xFF. At the time the device is ready for
a new page, the programmed value will read correctly. This is used to determine when
the next page can be written. Note that the entire page is written simultaneously and any
address within the page can be used for polling. Data polling of the Flash will not work
for the value 0xFF, so when programming this value, the user will have to wait for at
least t
WD_FLASH before programming the next page. As a chip-erased device contains
0xFF in all locations, programming of addresses that are meant to contain 0xFF, can be
skipped. See Table 131 for t
WD_FLASH value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com